Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC817D Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # PC817D
Description  High Density Mounting Type Photocoupler PC817 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

PC817D Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  PC817D Datasheet HTML 1Page - First Silicon Co., Ltd PC817D Datasheet HTML 2Page - First Silicon Co., Ltd PC817D Datasheet HTML 3Page - First Silicon Co., Ltd PC817D Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2013. 07. 30
2/4
Revision No : 0
PC817S
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Forward Voltage
VF
IF= 20 mA
1.4
Input Peak Forward Voltage
VFM
IFM= 500 mA
3
Input Reverse Current
IR
VR= 4 V
10
uA
Collector- emitter cut-off current
ICEO
VCE= 20 V , IE= 0
10
Collector-emitter saturation voltage
VCE(sat) IF = 20mA, IC = 1mA
0.1
0.2
V
Isolation resistance
RISO
DC 500V, 40 to 60% RH
5 x 10
10
10
11
Ω
Current Transfer Ratio
CTR
VCE= 5V, IF= 5mA
50
600
%
Rise time
tr
4
18
Fall time
tf
3
18
Input Terminal Capacitance
Ct
30
250
Floating Capacitance
Cf
0.6
1
Cut-off frequency
fC
VCE= 5V, IC= 2mA,RL=100Ω
80
KHz
V
V= 0V, f=1KHz
pF
VCE = 2V, IC = 2mA, RL = 100Ω
uS
■
Classification of CTR(%)
Type
PC817A
PC817B
PC817C
PC817D
PC817
Range
80-160
130-260
200-400
300-600
50-600
■
Typical Characterisitics
0
25
30
0
25
50
75
100
125
40
50
60
20
10
Fig. 1 Forward Current vs.
Ambient Temperature
Ambient temperature Ta ( C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com