Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD2511CDN Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ESD2511CDN
Description  LOW VOLTAGE BIDIRECTIONAL TVS DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ESD2511CDN Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ESD2511CDN Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD2511CDN Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD2511CDN Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD2511CDN Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ESD2511CDN
Features
●
Ultra low leakage: nA level
●
Operating voltage: 2.5V
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 12A (8/20μs)
●
RoHS Compliant
Applications
●
USB 2.0 power and data line
●
Set-top box and digital TV
●
Digital video interface (DVI)
●
Notebook Computers
●
SIM Ports
●
10/100 Ethernet
Dimensions DFN1006
Pin Configuration
Mechanical Characteristics
●
Package: DFN1006
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:10,000pcs
●
Reel Size:7 inch
Rev : 01.06.2014
1/4
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
100
W
ESD per IEC 61000−4−2 (Air)
VESD
± 30
Kv
ESD per IEC 61000−4−2 (Contact)
± 30
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTJ
-55 to +150
℃
LOW VOLTAGE BIDIRECTIONAL TVS DIODE


Similar Part No. - ESD2511CDN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD251-B1-W0201 INFINEON-ESD251-B1-W0201 Datasheet
2Mb / 14P
Bi-directional TVS device, 3.3 V, 30 pF, 0201
v2.1 2019-08-09
logo
Shunxin Technology Co.,...
ESD2510N5V0U4E03S SXSEMI-ESD2510N5V0U4E03S Datasheet
1Mb / 6P
Transient Voltage Suppressors for ESD Protection
More results

Similar Description - ESD2511CDN

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0L1B2WS DIODES-D5V0L1B2WS Datasheet
102Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 4
D5V0L1B2LP-7B DIODES-D5V0L1B2LP-7B Datasheet
101Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 9
D5V0L1B2T-7 DIODES-D5V0L1B2T-7 Datasheet
106Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 5
logo
Yea Shin Technology Co....
YSUM3311P YEASHIN-YSUM3311P Datasheet
844Kb / 3P
LOW VOLTAGE BIDIRECTIONAL TVS DIODE
logo
Diodes Incorporated
D8V0L1B2LP3 DIODES-D8V0L1B2LP3 Datasheet
379Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 1
DESD3V3Z1BCSF DIODES-DESD3V3Z1BCSF Datasheet
446Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 4
logo
Shanghai Leiditech Elec...
ESD1811CDN LEIDITECH-ESD1811CDN Datasheet
2Mb / 6P
LOW VOLTAGE BIDIRECTIONAL TVS DIODE
logo
Diodes Incorporated
D5V0L1B2TQ DIODES-D5V0L1B2TQ Datasheet
314Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2019 Rev. 1 - 2
D8V0L1B2LPQ DIODES-D8V0L1B2LPQ Datasheet
293Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2018 Rev. 1 - 2
DESD3V3XA1BCSF DIODES-DESD3V3XA1BCSF Datasheet
349Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
March 2021 Rev.1 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com