Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360ACDR_24SC Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # 360ACDR_24SC
Description  360W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

360ACDR_24SC Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  360ACDR_24SC Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 360ACDR_24SC Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 360ACDR_24SC Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 360ACDR_24SC Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 360ACDR_24SC Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG 360ACDR_24SC Datasheet HTML 6Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 6
360ACDR_SC – Rev. 2017-1.1
Specifications subject to change without notice.
360W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
Industrial DIN Rail Power Supply
360ACDR_SC Series
Mounting method instruction
A1 is recommended output current.
A2 is the allowed max output current (PSU lifetime is around half of A1).
Below curves are tested under 230Vac (179~264Vac), when 110Vac input
(85~175Vac), all derating points drop 10°C.
360ACDR_24SC
Mounting A
Mounting B
Mounting C
Mounting D
Mounting E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com