Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS5U45 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # SS5U45
Description  Surface Mount Schott ky Rectifier Reve rse Voltage 45V , Forward Current 5A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SS5U45 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  SS5U45 Datasheet HTML 1Page - First Silicon Co., Ltd SS5U45 Datasheet HTML 2Page - First Silicon Co., Ltd SS5U45 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2013. 02. 20
2/3
Revision No : 0
Rating and Characteristic Curves
SS5U45
IR - VR
0.001
0.01
0.1
1
10
100
0
10
20
30
40
50
VR(V)
TA=125℃
TA=25℃
IF - TA
0
1
2
3
4
5
6
25
50
75
100
125
150
175
TC(℃)
CJ - VR
1
10
100
1000
1
10
100
VR(V)
IFSM
0
25
50
75
100
125
150
0
10
20
30
40
50
60
70
80
90
100
NO.OF CYCLES AT 60HZ
8.3ms Single Half Sine
Wave Jedec Method
IF - VF
0.1
1
10
100
0
0.2
0.4
0.6
0.8
VF(V)
TA=125℃
TA=25℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com