Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS15U45 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # SS15U45
Description  Surface Mount Schott ky Rectifier Reve rse Voltage 45V , Forward Current 15A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SS15U45 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  SS15U45 Datasheet HTML 1Page - First Silicon Co., Ltd SS15U45 Datasheet HTML 2Page - First Silicon Co., Ltd SS15U45 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2013. 02. 20
3/3
Revision No : 0
SS15U45
PACKAGE OUTLINE DIMENSIONS
MIN
MAX
MIN
MAX
HE
6.4
6.6
0.252 0.260
E
5.6
5.8
0.220 0.228
D
4.1
4.3
0.161 0.169
B1
1.7
1.9
0.067 0.075
B2
0 8
1
0 031 0 039
DIM
Unit: mm
Unit: inch
B2
0.8
1
0.031 0.039
A
1.05
1.2
0.041 0.047
C
0.3
0.4
0.012 0.016
L
0.85
1.1
0.033 0.043
L1
4.2
4.4
0.165 0.173
L2
L3
1.1
1.4
0.043 0.055
D1
3
3 3
0 118 0 130
3.52 Typ.
0.139 Typ.
D1
3
3.3
0.118 0.130
E1
1.86 Typ.
0.073 Typ.
Soldering footprint
PACKING INFORMATION
Packing quantities:
5000 pcs/Reel 12mm Tape, 13" Reel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com