Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1050C Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SS1050C
Description  Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SS1050C Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SS1050C Datasheet HTML 1Page - First Silicon Co., Ltd SS1050C Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
SS1050C
2013. 05. 15
1/2
Revision No : 0
Schottky Rectifier
■ Features
■ Outline Dimensions and Mark
●
High surge Forward current capability
●
Low Power loss, High efficiency
● I
F(AV) 10A
● V
RRM
50V
■ Applications
●
Switching Power Supply Industry
●
Photovoltaic Solar cell Protection
Schottky Rectifier
■Limiting Values(Absolute Maximum Rating)
Item
Symbol
Unit
Conditions
SS1050C
Repetitive Peak Reverse Voltage
VRRM
V
50
Average Rectified Output Current
Io
A
60HZ sine wave, R- load, Ta=25℃
10
Surge(Non-repetitive)Forward
Current
IFSM
A
60HZ sine wave, 1 cycle, Ta=25℃
275
Current Squared Time
I
2
t
A
2
s
1ms≤t<8.3ms Tj=25℃
313
Storage Temperature
Tstg
℃
-55 ~ +150
Junction Temperature
Tj
℃
0
5
1
+
~
5
5
-
Thermal Resistance(Typical)
R
θJ-C
℃/W
Between Junction and Case
8
■ Electrical Characteristics(Ta=25℃ Unless otherwise specified)
Item
Symbol
Unit
Test Condition
Min
Typ
Max
Peak Forward Voltage
VFM
V
I FM =10.0A,Tj=25℃
-
0.41
0.47
I FM =10.0A,Tj=125℃
-
0.37
0.40
Reverse Breakdown Voltage
VBR
V
IR=0.5mA
50
-
-
Leakage Current
IR
mA
VR=50V,Tj=25℃
-
-
0.5
VR=50V,Tj=125℃
-
-
100
Dimensions in inches and (millimeters)
DO-214AB(SMC)
280(7.11)
260(6.60)
.245(6 22)
.220(5 59)
.129(3.27)
.112(2.85)
.103(2.61)
.078(1.99)
060(1.52)
030(0.76)
.008(0.20)
.004(0.10)
.012(0 31)
.006(0.15)
0.119(3.03)
0.390
(9.90)
Mounting Pad Layout
0.151
(3.84)
0.150
(3.82)
320(8.13)
305(7.75)


Similar Part No. - SS1050C

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SS1050 FORMOSA-SS1050 Datasheet
122Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
SEC Electronics Inc.
SS1050 SECELECTRONICS-SS1050 Datasheet
210Kb / 5P
Unipolar Hall-Effect Digital Switch
logo
Shanghai Shunye Electro...
SS1050 SHUNYE-SS1050 Datasheet
542Kb / 3P
SCHOTTKY BARRIER DIODE
V2.22
SS1050 SHUNYE-SS1050 Datasheet
533Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
logo
SEC Electronics Inc.
SS1050ESOT SECELECTRONICS-SS1050ESOT Datasheet
210Kb / 5P
Unipolar Hall-Effect Digital Switch
More results

Similar Description - SS1050C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com