Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM0240 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM0240
Description  N-Channel Super Trench Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM0240 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM0240 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0240 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0240 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0240 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0240 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0240 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Description
The LM0240 uses advanced trench technology and design to
provide excellent RDS(ON) with low gate charge. It can be
used in a wide variety of applications.
General Features
●
VDS =200V,ID =40A
RDS(ON) <41mΩ @ VGS=10V
●
High density cell design for ultra low Rdson
●
Fully characterized avalanche voltage and current
●
Good stability and uniformity with high EAS
●
Excellent package for good heat dissipation
●
Special process technology for high ESD capability
Application
●
Power switching application
●
Hard switched and high frequency circuits
●
Uninterruptible power supply
100% UIS TESTED!
100% ∆Vds TESTED!
Schematic diagram
TO-220-3L top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
NCE0240
LM0240
TO-220-3L
-
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
200
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
40
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
28
A
Pulsed Drain Current
IDM
160
A
Maximum Power Dissipation
PD
220
W
Derating factor
1.47
W/℃
Single pulse avalanche energy
(Note 5)
EAS
480
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 175
℃
LM0240
Super Trench Power MOSFET
N-Channel
Rev :
www.leiditech.com
01.06.2018
1/6


Similar Part No. - LM0240

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LM02 GOOD-ARK-LM02 Datasheet
374Kb / 4P
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
logo
List of Unclassifed Man...
LM020L ETC-LM020L Datasheet
1Mb / 37P
16 character x 1 line
LM020LXMBL ETC-LM020LXMBL Datasheet
1Mb / 37P
16 character x 1 line
LM022 ETC2-LM022 Datasheet
128Kb / 1P
SIZE 1 ARINC 404 RF CONNECTOR FOR ECS CABLE 310801
logo
GOOD-ARK Electronics
LM02A GOOD-ARK-LM02A Datasheet
375Kb / 4P
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
More results

Similar Description - LM0240

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM185N30DF RECTRON-RM185N30DF Datasheet
245Kb / 6P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Foster Semicon...
FIR150N10PG FOSTER-FIR150N10PG Datasheet
1Mb / 7P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Huazhimei Semi...
HMS20N15K HMSEMI-HMS20N15K Datasheet
500Kb / 7P
N-Channel Super Trench Power MOSFET
HMS4296B HMSEMI-HMS4296B Datasheet
489Kb / 6P
N-Channel Super Trench Power MOSFET
HMS150N06D HMSEMI-HMS150N06D Datasheet
596Kb / 7P
N-Channel Super Trench Power MOSFET
HMS110N15 HMSEMI-HMS110N15 Datasheet
527Kb / 7P
N-Channel Super Trench Power MOSFET
HMS65N03Q HMSEMI-HMS65N03Q Datasheet
524Kb / 5P
N-Channel Super Trench Power MOSFET
HMS80N15 HMSEMI-HMS80N15 Datasheet
615Kb / 6P
N-Channel Super Trench Power MOSFET
HMS4240 HMSEMI-HMS4240 Datasheet
733Kb / 7P
N-Channel Super Trench Power MOSFET
logo
Shanghai Leiditech Elec...
LMPC100N20 LEIDITECH-LMPC100N20 Datasheet
770Kb / 6P
N-Channel Super Trench Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com