Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM50-0012 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM50-0012
Description  High Dynamic Range LNA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0012 Datasheet(HTML) 2 Page - Tyco Electronics

  AM50-0012 Datasheet HTML 1Page - Tyco Electronics AM50-0012 Datasheet HTML 2Page - Tyco Electronics AM50-0012 Datasheet HTML 3Page - Tyco Electronics AM50-0012 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Dynamic Range LNA, 1800 - 2200 MHz
AM50-0012
V 1.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
2
Functional Block Diagram
LNA SRC
LNA OUT
GND
1
12
GND
LNA IN
GND
Sample Board Schematic
Pin Configuration
1
Pin No.
Function
Pin No.
Function
1
GND
7
LNA OUT
2
LNA IN
8
LNA SRC
3
GND
9
GND
4
GND
10
VDD1
5
VDD2
11
GND
6
GND
12
GND
External Circuitry Parts List
Ref.
Designation
Value
Purpose
C1
3.3 pF
LNA Matching/DC Block
C2
0.1 µF
DC Block
C3, C4
1000 pF
RF Bypass
C5, C6, C7
0.1 µF
RF Bypass
L1
2 nH
LNA Matching
L2
2 nH
LNA Matching
Absolute Maximum Ratings
2
2. Exceeding any one or combination of these limits may
cause permanent damage to this device.
Parameter
Absolute Maximum
Supply Voltage
7V
RF Input Power
15 dBm
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
12
1
C1
L1
L2
C2
C4
C6
VDD2
LNA IN
C7
C3
VDD1
C5
LNA OUT
1. The exposed pad centered on the package bottom must be
connected to RF and DC Ground.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com