Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW41413 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STW41413
Description  Single Coil Dual Output Step Down DC/DC Converter for Digital Base Band and Multimedia Processor Supply
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW41413 Datasheet(HTML) 2 Page - STMicroelectronics

  STW41413 Datasheet HTML 1Page - STMicroelectronics STW41413 Datasheet HTML 2Page - STMicroelectronics STW41413 Datasheet HTML 3Page - STMicroelectronics STW41413 Datasheet HTML 4Page - STMicroelectronics STW41413 Datasheet HTML 5Page - STMicroelectronics STW41413 Datasheet HTML 6Page - STMicroelectronics STW41413 Datasheet HTML 7Page - STMicroelectronics STW41413 Datasheet HTML 8Page - STMicroelectronics STW41413 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
STw4141
2/27
Order Codes
Table 1.
STw4141 ordering information
Part number
Package type
Package
marking
Output voltage options(1)
1.
The output configuration which will be introduced in production will be only those related to customer design-in.
Supplied as
V
OUT
1
(2)
(I/O)
2.
THIS CONDITION MUST BE ALWAYS VALID.
V
OUT
2
(CORE)
V
OUT
2reduced
(CORE)
STw41411
TFBGA
3x3x1.2
16 balls
STA1
1.8 V
1.2 V
1.0 V
Tray
STw41411/T
STA1
1.8 V
1.2 V
1.0 V
Tapes/Reels
STw41412
STA2
1.8 V
1.3 V
1.0 V
Tray
STw41412/T
STA2
1.8 V
1.3 V
1.0 V
Tapes/Reels
STw41413
STA3
1.5 V
1.3 V
1.0 V
Tray
STw41413/T
STA3
1.5 V
1.3 V
1.0 V
Tapes/Reels
STw41414
STA4
1.8 V
1.5 V
1.3 V
Tray
STw41414/T
STA4
1.8 V
1.5 V
1.3 V
Tapes/Reels
STw41415
STA5
1.8 V
1.35 V
1.0 V
Tray
STw41415/T
STA5
1.8 V
1.35 V
1.0 V
Tapes/Reels
STw41416
STA6
1.8 V
1.25 V
1.0 V
Tray
STw41416/T
STA6
1.8 V
1.25 V
1.0 V
Tapes/Reels
VOUT1
VOUT2
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com