Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP-MSM014 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LP-MSM014
Description  Fast tripping resettable circuit protection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LP-MSM014 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LP-MSM014 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Small size of 1812
Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
Fast tripping resettable circuit protection
Surface mount packaging for automated assembly
Agency Recognition: UL、CSA、TUV
Product Dimensions (mm)
A
B
C
D
E
Part number
Max.
Max.
Max.
Min.
Min.
LP-MSM014
4.73
3.41
1.00
0.30
0.30
Part Marking System
Electrical Characteristics
IH
IT
Vmax
Imax
Ttrip
Pd typ
Rmin
R1max
Part number
(A)
(A)
(V)
(A)
Current(A)
Time(S)
(W)
(Ω)
(Ω)
LP-MSM014
0.14
0.34
60
10
1.5
0.15
1.0
1.50
6.00
IH=Hold current: maximum current at which the device will not trip at 25℃ still air.
IT=Trip current: minimum current at which the device will always trip at 25℃ still air.
Vmax=Maximum voltage device can withstand without damage at rated current.
Imax=Maximum fault current device can withstand without damage at rated voltage.
Ttrip=Maximum time to trip(s) at assigned current.
Pdtyp=Typical power dissipation: typical amount of power dissipated by the device when in state air environment.
Rmin=Minimum device resistance at 25℃ prior to tripping.
R1max=Maximum device resistance measured in the nontripped state 1 hour post reflow.
Thermal Derating
Maximum ambient operating temperature(℃)
LP-MSM014
-40
-20
0
20
25
40
50
60
70
85
Hold Current (A)
0.23
0.20
0.18
0.16
0.14
0.12
0.11
0.10
0.07
0.05
Trip Current (A)
0.48
0.44
0.40
0.36
0.34
0.28
0.26
0.24
0.18
0.12
Solder Reflow Recommendations
B
B
A
Solder Pad Layouts
A
B
C
Part number
(mm)
(mm)
(mm)
LP-MSM014
3.45
1.78
3.15
* Recommended reflow methods: IR, Vapor phase, hot air oven.
* Devices can be cleaned using standard industry methods and
solvents.
Notes:
 If reflow temperatures exceed the recommended profile, devices
may not meet the performance requirements.
 Devices are not designed to be wave soldered to the bottom side
of the board.
Package Information
Tape & Reel: 2000pcs per reel.
Effectivity: Reference documents shall be the issue in effect on the
date of invitation for bid.
Caution: Operation beyond the rated voltage or current may result in
rupture electrical arcing or flame. Specifications are subject to
change without notice.
W
Product family
Current rating
LP-MSM014
Phone: +86- 021-50828806
Email:sale1@leiditech.com
http://www.leiditech.com
SHANGHAI LEIDITECH ELECTRONICS TECHNOLOGY CO., LTD
1/1


Similar Part No. - LP-MSM014

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LP-MSM014 LEIDITECH-LP-MSM014 Datasheet
494Kb / 1P
Polymer PTC Devices
More results

Similar Description - LP-MSM014

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-USMF020-2 BOURNS-MF-USMF020-2 Datasheet
380Kb / 4P
Fast tripping resettable circuit protection
logo
Copal Electronics
CR-CP COPAL-CR-CP Datasheet
286Kb / 2P
CERAMIC RESETTABLE CIRCUIT PROTECTORS
PRCP-MSMF COPAL-PRCP-MSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-PSMF COPAL-PRCP-PSMF Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-R COPAL-PRCP-R Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-RX72 COPAL-PRCP-RX72 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-USMF COPAL-PRCP-USMF Datasheet
957Kb / 5P
Polymer Resettable Circuit Protectors
logo
Shanghai Leiditech Elec...
NSM016 LEIDITECH-NSM016 Datasheet
492Kb / 1P
Fast tripping resettable circuit protection
SM150 LEIDITECH-SM150 Datasheet
111Kb / 1P
Fast tripping resettable circuit protection
SMD2920P300TF24 LEIDITECH-SMD2920P300TF24 Datasheet
448Kb / 2P
Fast tripping resettable circuit protection
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com