Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP-MSM050 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LP-MSM050
Description  Lead-free and compliant with the European Union RoHS Directive
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LP-MSM050 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LP-MSM050 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
page 1 of 1
Features
Small size of 1812
Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
Fast tripping resettable circuit protection
Surface mount packaging for automated assembly
Agency Recognition: UL、CSA、TUV
Product Dimensions (mm)
A
B
C
D
E
Part number
Max.
Max.
Max.
Min.
Min.
LP-MSM050
4.73
3.41
0.83
0.30
0.30
Top View
Side View
Part Marking System
Electrical Characteristics
IH
IT
Vmax
Imax
Ttrip
Pd typ
Rmin
R1max
Part number
(A)
(A)
(V)
(A)
Current(A)
Time(S)
(W)
(Ω)
(Ω)
LP-MSM050
0.50
1.00
15
40
8.0
0.15
1.0
0.15
1.00
IH=Hold current: maximum current at which the device will not trip at 25℃ still air.
IT=Trip current: minimum current at which the device will always trip at 25℃ still air.
Vmax=Maximum voltage device can withstand without damage at rated current.
Imax=Maximum fault current device can withstand without damage at rated voltage.
Ttrip=Maximum time to trip(s) at assigned current.
Pdtyp=Typical power dissipation: typical amount of power dissipated by the device when in state air environment.
Rmin=Minimum device resistance at 25℃ prior to tripping.
R1max=Maximum device resistance measured in the nontripped state 1 hour post reflow.
Solder Reflow Recommendations
B
B
A
Solder Pad Layouts
A
B
C
Part number
(mm)
(mm)
(mm)
LP-MSM050
3.45
1.78
3.15
* Recommended reflow methods: IR, Vapor phase, hot air oven.
* Devices can be cleaned using standard industry methods and
solvents.
Notes:
 If reflow temperatures exceed the recommended profile, devices
may not meet the performance requirements.
 Devices are not designed to be wave soldered to the bottom side
of the board.
Package Information
Tape & Reel: 2000pcs per reel.
Effectivity: Reference documents shall be the issue in effect on the
date of invitation for bid.
Caution: Operation beyond the rated voltage or current may result in
rupture electrical arcing or flame.
Specifications are subject to change without notice.
LP-MSM050
W
Product family
Current rating
Phone: +86- 021-50828806
Email:sale1@leiditech.com
http://www.leiditech.com
SHANGHAI LEIDITECH ELECTRONICS TECHNOLOGY CO., LTD


Similar Part No. - LP-MSM050

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LP-MSM014 LEIDITECH-LP-MSM014 Datasheet
493Kb / 1P
Fast tripping resettable circuit protection
LP-MSM014 LEIDITECH-LP-MSM014 Datasheet
494Kb / 1P
Polymer PTC Devices
LP-MSM075-24 LEIDITECH-LP-MSM075-24 Datasheet
3Mb / 5P
Positive Thermal Coefficent Diodes
Rev : 01.06.2018
LP-MSM075/24 LEIDITECH-LP-MSM075/24 Datasheet
3Mb / 5P
Positive Thermal Coefficent Diodes
Rev : 01.06.2018
More results

Similar Description - LP-MSM050

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
SVPC PANASONICBATTERY-SVPC Datasheet
76Kb / 2P
RoHS directive Halogen-Free Compliant
logo
List of Unclassifed Man...
20SEQP22M ETC2-20SEQP22M Datasheet
81Kb / 2P
RoHS directive/Halogen-free compliant
20SVPA10M ETC2-20SVPA10M Datasheet
66Kb / 2P
RoHS directive/Halogen-free compliant
logo
Yellow Stone Corp
GPL YSTONE-GPL Datasheet
492Kb / 2P
Compliant to the RoHS directive
logo
Shanghai Leiditech Elec...
HL250-180 LEIDITECH-HL250-180 Datasheet
510Kb / 2P
Lead-free, halogen-free and compliant with the European Union RoHS Directive 2011/65/EU
LB080F LEIDITECH-LB080F Datasheet
433Kb / 2P
Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
SN250-180 LEIDITECH-SN250-180 Datasheet
293Kb / 1P
Chip devices Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
ISML200 LEIDITECH-ISML200 Datasheet
472Kb / 2P
Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
MSM150 LEIDITECH-MSM150 Datasheet
247Kb / 2P
Lead-free and compliant with the European Union RoHS Directive
TSML200 LEIDITECH-TSML200 Datasheet
703Kb / 2P
Lead-free and compliant with the European Union RoHS Directive
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com