Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2045CT Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MBR2045CT
Description  Low forward voltage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MBR2045CT Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MBR2045CT Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MBR2045CT Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MBR2045CT Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
• Low forward voltage
• High current capability
• High forward surge capability
• Low power losses,High efficiency
• Guarding for over voltage protection
TO-220AB/CT
APPLICATIONS
Low VF Schottky barrier rectifier are designed
for high freqency, miniature switched mode
power supplies such as adapters ,lighting and
on-board DC/DC conerters
Primary Characteristic
MECHANICAL DATA
IO
2*10A
• Case: Molded plastic
VRRM
45V
• Polarity: As marked
IFSM
260A
• Mounting Position: Any
VF
0.49V
• Molded Plastic: UL Flammability Classification Rating 94V-0
TJmax
150℃
• Lead free in compliance with EU RoHS 2011/65/EU directive
Assembly code
X X
• Solder bath temperature 275℃ maximum,10s per JESD 22-
B106
Maximum Ratings (Per Leg) at Ta=25°C unless otherwise specified
Characteristics
Symbol
Value
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
45
V
Working Peak Reverse Voltage
VRWM
45
V
Maximum DC Blocking Voltage
VDC
45
V
Maximum Average Forward Rectified
Current
Per Leg
IO
10
A
Total
20
Peak Forward Surge Current,8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
260
A
Operating Temperature Range
TJ
150
°C
Storage Temperature Range
TSTG
-40 to +150
°C
Typical Thermal Resistance (Note1)
Rθ
JC
°C/W
TO-220AB,TO-263,TO-252
2
TO-220F
4
Note1: Thermal resistance from Junction to case per leg mounted on heatsink.
Electrical Characteristics (Per Leg) unless otherwise specified
Characteristics
Symbol
Value
Unit
Forward Voltage Drop(Note2)
VF
Typ.
Max.
V
at IF=3A
TA=25°C
0.42
-
TA=125°C
0.34
-
at IF=5A
TA=25°C
0.46
-
TA=125°C
0.41
-
at IF=10A
TA=25°C
0.56
0.60
TA=125°C
0.49
-
Maximum Reverse Current at VR=45V
TA=25°C
IR
40
100
µA
TA=125°C
12
-
mA
Note2:Pulse test: 300 µs pulse width, 1 % duty cycle
Schottky
MBR2045CT
Rev :
www.leiditech.com
01.06.2018
1/3


Similar Part No. - MBR2045CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2045CT MOTOROLA-MBR2045CT Datasheet
135Kb / 6P
SWITCHMODE?? Power Rectifiers
logo
Diodes Incorporated
MBR2045CT DIODES-MBR2045CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
logo
General Semiconductor
MBR2045CT GE-MBR2045CT Datasheet
81Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR2045CT MCC-MBR2045CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Fairchild Semiconductor
MBR2045CT FAIRCHILD-MBR2045CT Datasheet
53Kb / 3P
Schottky Rectifiers
More results

Similar Description - MBR2045CT

ManufacturerPart #DatasheetDescription
logo
Surge Components
BAT54WT SURGE-BAT54WT Datasheet
765Kb / 3P
low forward voltage
logo
Bruckewell Technology L...
SD14ST BWTECH-SD14ST Datasheet
155Kb / 4P
Low forward voltage
logo
Mospec Semiconductor
S08A150 MOSPEC-S08A150 Datasheet
186Kb / 2P
Low Forward Voltage
S08A200 MOSPEC-S08A200 Datasheet
186Kb / 2P
Low Forward Voltage
SK220 MOSPEC-SK220 Datasheet
170Kb / 2P
Low Forward Voltage
SR220 MOSPEC-SR220 Datasheet
174Kb / 2P
Low Forward Voltage
logo
Everlight Electronics C...
HIR89-01C-1R EVERLIGHT-HIR89-01C-1R_15 Datasheet
352Kb / 9P
Low forward voltage
logo
Nanjing International G...
BAT54W1 DGNJDZ-BAT54W1 Datasheet
105Kb / 3P
Low forward voltage
logo
Sangdest Microelectroni...
SK32AF SMC-SK32AF Datasheet
196Kb / 5P
Low Forward Voltage
logo
SHIKUES Electronics
1SS387 SKTECHNOLGY-1SS387 Datasheet
1Mb / 3P
Low forward voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com