Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR40100CT Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MBR40100CT
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MBR40100CT Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MBR40100CT Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MBR40100CT Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MBR40100CT Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristic Curves
The forward voltage and forward current curve
Current derating curve, perelement
The reverse leak current and the reverse voltage (single-device) curve.
0
2
4
6
8
10
12
14
16
18
20
0
0.2
0.4
0.6
0.8
1
1.2
0
10
20
30
40
50
0
25
50
75
100
125
150
1.0
10.0
100.0
1000.0
10000.0
0
20
40
60
80
100
Vf, Instantaneous Forward Voltage (V)
VR, Reverse Voltage (V)
Tc, Case Temp (℃)
125℃
25℃
125℃
25℃
MBR40100CT
Rev :
www.leiditech.com
01.06.2015
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com