Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR60100CT Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MBR60100CT
Description  Multilayer Metal -Silicon Potential Structure.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MBR60100CT Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MBR60100CT Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MBR60100CT Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MBR60100CT Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Outline Dimensions
TO-220AB
Marking Information
Package
Pb-Free
Green / Halogen Free
Marking Code
Part Number
Marking Code
Part Number
TO-220AB
MBR60100
MBR60100CT
MBR60100G
MBR60100G*T
Packing Information
Packaging
Package
Part Number
Quantity
Size
Tube
TO-220AB
Tube
50 pieces
530*33*7mm
Inner Box
1000 pieces
558*150*40mm
Outer Box
5000 pieces
570*235*170mm
Φ3.835REF
1.27±0.10
10.08±0.25
4.60±0.15
1.27±0.10
0.81±0.10
2.54REF
深0.10REF
2.67±0.15
0.40±0.10
TO-220AB
Unit:mm
MBR60100CT
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev 2.0 :
www.leiditech.com
12.01.2019
3/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com