Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2G Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # GS2G
Description  General Purpose Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

GS2G Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  GS2G Datasheet HTML 1Page - First Silicon Co., Ltd GS2G Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
GS2A ~ GS2M
2012. 09. 20
1/2
Revision No : 0
General Purpose Rectifier
■ Features
■ Outline Dimensions and Mark
●I
o
1.5A
● V
RRM
50V-1000V
● High surge current capability
● Cases: Molded plastic
■ Applications
● Rectifier
■ Limiting Values (Absolute MaximumRating)
■ Electrical Characteristics (Ta=25℃ Unless otherwise specified)
GS2
Item
Symbol
Unit
Test Condition
A
B
D
G
J
K
M
Peak Forward Voltage
V
F
V
I
F =1.5A
1.15
I
RRM1
Ta =25℃
5.0
Peak Reverse Current
I
RRM2
μA
VRM=VRRM
Ta =125℃
125
RθJ-A
Between junction and ambient
53
1)
Thermal
Resistance(Typical)
RθJ-L
/W
Between junction and terminal
16
1)
Notes:
1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.3" x 0.3" (8.0 mm x 8.0 mm) copper
pad areas
GS2
Item
Symbol
Unit
Test Conditions
A
B
D
G
J
K
M
Repetitive Peak Reverse Voltage
VRRM
V
50
100
200
400
600
800
1000
Average Forward Current
IF(AV)
A
60HZ Half-sine wave, Resistance
load, TL =100℃
1.5
Surge(Non-repetitive)Forward
Current
IFSM
A
60Hz Half-sine wave ,1 cycle ,
Ta =25℃
50
Junction
Temperature
TJ
-55~+150
Storage Temperature
TSTG
-55 ~ +150
D im en sion s in in che s an d (m illim eters)
DO-214AA(SM B)
.1 87(4.75)
.1 67(4.25)
.155 (3.9 4)
.130 (3.3 0)
.0 85(2.15)
.0 73(1.85)
.1 03(2.61)
.0 78(1.99)
.056 (1.4 1)
.035 (0.9 0)
.0 08(0.20)
.0 04(0.10)
.0 12(0.31)
.0 06(0.15)
0 .08 1(2 .072)
0 .228
(5.8 0)
M oun ting P ad La you t
0.069
(1.76)
0.1 07
(2 .72)
.220 (5.5 9)
.205 (5.2 1)


Similar Part No. - GS2G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS2G MCC-GS2G Datasheet
838Kb / 3P
2.0 Amp Silicon Rect.0 Amp Silicon Rectifier 50 to 1000 Voltsifier 50 to 1000 OLTS
logo
Gulf Semiconductor
GS2G GULFSEMI-GS2G Datasheet
164Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
logo
Micro Commercial Compon...
GS2G MCC-GS2G Datasheet
255Kb / 4P
2.0 Amp Silicon Rectifier 50 to 1000 Volts
logo
Compact Technology Corp...
GS2G CTC-GS2G Datasheet
90Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
Microdiode Semiconducto...
GS2G CHENDA-GS2G Datasheet
836Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
More results

Similar Description - GS2G

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
General Purpose Rectifier
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
1A1G YANGJIE-1A1G Datasheet
206Kb / 4P
General Purpose Rectifier
1A1 YANGJIE-1A1_17 Datasheet
206Kb / 4P
General Purpose Rectifier
1N4001 YANGJIE-1N4001_17 Datasheet
207Kb / 4P
General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
General Purpose Rectifier
logo
Inchange Semiconductor ...
1N4590 ISC-1N4590 Datasheet
210Kb / 2P
General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
General Purpose Rectifier
logo
First Silicon Co., Ltd
6A05 FS-6A05 Datasheet
120Kb / 2P
General Purpose Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com