Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3J Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # GS3J
Description  General Purpose Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

GS3J Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  GS3J Datasheet HTML 1Page - First Silicon Co., Ltd GS3J Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2012. 09. 20
2/2
Revision No : 0
■
Characteristics (Typical)
GS3A ~ GS3M
50
FIG.1: FORWARD CURRENT DERATING CURVE
Resis ive or Inductive Load
P.C.B. Mounted on 0.3"×0.3"
(8.0mm×8.0mm)Copper Pad Areas
TL(℃)
0
70
90
110
130
150
0.5
1.0
1.5
2 0
2 5
3.0
3.5
Number of Cycles
FIG.2: MAXIMUM NON-REPETITIVE FORWARD URGE CURRENT
TL=75℃
8.3ms Single Half Sine Wave
0
0
1
0
1
1
10
1000
100
FIG.3: TYPICAL FORWARD CHARACTERISTICS
0 01
VF(V)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
TJ=25℃
Pulse wid h=300us
1% Duty Cycle
0.1
1.0
10
100
0.1
FIG.4:TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
Tj=25℃
Tj=125℃
0
20
40
60
80
100
1.0
10
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com