Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H1M Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # H1M
Description  High Efficient Rectifier D iode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

H1M Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  H1M Datasheet HTML 1Page - First Silicon Co., Ltd H1M Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012 08 13
1/2
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
H1A ~ H1M
High Efficient Rectifier Diode
■ Features
■ Outline Dimensions and Mark
●
Io
1.0A
●
VRRM
50V~1000V
●
Glass passivatedchip
●
High surge forward current capability
■ Applications
●
For general power supply
single - phase rectifier
■ Limiting Values(Absolute Maximum Rating)
Item
Symbol Unit
Conditions
H1
A
B
D
G
J
K
M
Repetitive Peak Reverse
Voltage
VRRM
V
50
100 200 400 600 800 1000
Average Rectifed Output
i
Current
IO
A
60Hz One-way half-wave, R-load,Ta=75℃
1.0
Surge(Non-repetitive)
Forward Current
IFSM
A
60HZ sine wave, 1 cycle, Tj=25℃
30
Storage Temperature
Tstg
℃
-55 ~+150
Junction Temperature
Tj
℃
-55 ~+150
■ Electrical Characteristics (Ta=25℃ Unless otherwise specified)
Item
Symbol Unit
Test Condition
H1
A
B
D
G
J
K
M
Peak Forward Voltage
VFM
V
IFM=1.0A
1.0
1.3
1.7
Maximum reverse recovery
time
trr
ns
IF=0.5A,IR=1.0A,IRR=0.25A
50
75
Peak Reverse Current
IRRM
μA
VRM=VRRM , Ta=25℃
5
Thermal Resistance
RθJ-L
℃/W
Between junction and lead
20
Dimensions in inches and (millimeters)
SOD-123F
.047(1.20)
.039(1.00)
.010(0.25)
.004(0.10)
.043(1.10)
.035(0.90)
.075(1.90)
.063(1.60)
.002(0.05)
.001(0.02)


Similar Part No. - H1M

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
H1M YANGJIE-H1M Datasheet
152Kb / 2P
High Efficient Rectifier Diode
logo
RFE international
H1M RFE-H1M Datasheet
1Mb / 3P
Surface Mount High Efficient Rectifier H1A THRU H1M
07-21-2020
logo
Yangzhou yangjie electr...
H1MF YANGJIE-H1MF Datasheet
104Kb / 2P
High Efficient Rectifier Diode
logo
RFE international
H1MFS RFE-H1MFS Datasheet
2Mb / 3P
Surface Mount High Efficiency Rectifier H1AFS Through H1MFS
07-21-2020
logo
Yangzhou yangjie electr...
H1ML YANGJIE-H1ML Datasheet
241Kb / 2P
High Efficient Rectifier Diode
More results

Similar Description - H1M

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGC10DH ZOWIE-EGC10DH Datasheet
61Kb / 2P
High Efficient Rectifier
logo
Yangzhou yangjie electr...
HER601 YANGJIE-HER601_11 Datasheet
133Kb / 2P
High Efficient Rectifier
HS3A YANGJIE-HS3A Datasheet
144Kb / 2P
High Efficient Rectifier
HER501 YANGJIE-HER501 Datasheet
192Kb / 2P
High Efficient Rectifier
HER501G YANGJIE-HER501G Datasheet
188Kb / 2P
High Efficient Rectifier
HER101GS YANGJIE-HER101GS Datasheet
196Kb / 2P
High Efficient Rectifier
HER201G YANGJIE-HER201G Datasheet
210Kb / 2P
High Efficient Rectifier
HER301 YANGJIE-HER301 Datasheet
209Kb / 2P
High Efficient Rectifier
HS2GA YANGJIE-HS2GA_17 Datasheet
161Kb / 2P
High Efficient Rectifier
logo
Zowie Technology Corpor...
BEGC20DH ZOWIE-BEGC20DH Datasheet
48Kb / 2P
High Efficient Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com