Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS1AF Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # HS1AF
Description  1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

HS1AF Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  HS1AF Datasheet HTML 1Page - First Silicon Co., Ltd HS1AF Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Mechanical Data
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
●
Glass passivated junction
●
Low forward voltage drop
●
High current capability
●
Low reverse leakage
●
High surge current capability
●
High reliablity
●
Plastic package has Underwriters
Laboratory Flammability Classification 94V-0
●
Case: SMA-FL molded plastic body
●
Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026
●
Polarity: Color band denotes cathode end
●
Mounting Position: Any
●
Weight: 0.0027 grams (approximate)
PARAMETER
SYMBOL HS1AF HS1BF HS1DF HS1GF HS1JF HS1KF HS1MF
UNITS
Maximum repetitive peak reverse voltage
V RRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
V RMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
V DC
50
100
200
400
600
800
1000
V
Average Rectified Output Current
0.375″(9.5mm) lead length
I o
1.0
A
Peak forward surge current, 8.3 mS single half sine-wave
superimposed on rated load
I FSM
30
A
Maximum instantaneous forward voltage at I o
V F
1.3
V
Maximum DC reverse current
@ TJ = 25℃
at rated DC blocking voltage
@ TJ = 100℃
I R
5.0
50
μA
Maximum reverse recovery time (Note 1)
t rr
50
75
nS
Typical junction capacitance (Note 2)
C j
10
pF
Typical thermal resistance
RθJA
Notes:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A.
2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
℃/W
Operating junction temperature range
T J
-55 to +150
℃
Storage temperature range
T STG
-55 to +150
℃
1.0
1.7
SEMICONDUCTOR
TECHNICAL DATA
HS1AF THRU HS1MF
1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Amperes
2018. 04. 12
1/2
Revision No : 0
80


Similar Part No. - HS1AF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS1AFL TSC-HS1AFL Datasheet
333Kb / 7P
1A, 50V - 1000V High Efficient Surface Mount Rectifier
More results

Similar Description - HS1AF

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BYT54A-LFR FRONTIER-BYT54A-LFR Datasheet
127Kb / 2P
1A ULTRA FAST RECOVERY RECTIFIER
FUF4001 FRONTIER-FUF4001 Datasheet
128Kb / 2P
1A ULTRA FAST RECOVERY RECTIFIER
HER101 FRONTIER-HER101 Datasheet
130Kb / 2P
1A ULTRA FAST RECOVERY RECTIFIER
HER101-LFR FRONTIER-HER101-LFR Datasheet
131Kb / 2P
1A ULTRA FAST RECOVERY RECTIFIER
HFM101M FRONTIER-HFM101M Datasheet
129Kb / 2P
1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
MURS105 FRONTIER-MURS105 Datasheet
131Kb / 2P
1A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
MURS105-LFR FRONTIER-MURS105-LFR Datasheet
131Kb / 2P
1A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
UF4001-LFR FRONTIER-UF4001-LFR Datasheet
128Kb / 2P
1A ULTRA FAST RECOVERY RECTIFIER
US1A FRONTIER-US1A Datasheet
131Kb / 2P
1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
US1A-LFR FRONTIER-US1A-LFR Datasheet
132Kb / 2P
1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com