Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ1010 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # KBJ1010
Description  Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

KBJ1010 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  KBJ1010 Datasheet HTML 1Page - First Silicon Co., Ltd KBJ1010 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2013 04 15
2/2
Revision No : 0
KBJ10005 ~ KBJ1010
■
Characteristics(Typical)
80
0
Tc(℃)
FIG1:Io-Tc Curve
160
sine wave R-load
with heatsink
90
100 110 120 130 140 150
Tc
heatsink
2
4
6
8
10
70
11
0.4
0.6
0.8
1.0
1.2
1.4
0.1
0.2
0.5
VF(V)
FIG3: Forward Voltage
1.0
10
20
40
60
5.0
Ta=25℃
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Voltage(%)
Tj=150℃
Tj=25℃
FIG4:Typical Reverse Characteristics
1
0
2
5
10
20
50
100
100
200
300
sine wave
non-repe itive
Tj=25℃
FIG2:Surge Forward Current Capadility
Number of Cycles
0
8.3ms
1cycle
8.3ms



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com