Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1E-BS2/C01 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M1E-BS2/C01
Description  INSTALLATION BASE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1E-BS2/C01 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M1E-BS2/C01 Datasheet HTML 1Page - M-System Co.,Ltd. M1E-BS2/C01 Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: M1E-BS
M1E-BS SPECIFICATIONS
ES-5990 Rev.5 Page 1/2
https://www.m-system.co.jp/
INSTALLATION BASE
36 (1.42)
99
(3.90)
45 (1.77)
mm (inch)
MODEL: M1E-BS2[1]
ORDERING INFORMATION
• Code number: M1E-BS2[1]
Specify a code from below for [1].
(e.g. M1E-BS2/Q)
• Specify the specification for option code /Q
(e.g. /C01)
TYPE
2: For M1E-1 series / M1E-2 series / M1E-4 series
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Multi-output super-mini signal conditioners with display
M1E-1 series
• 2 channel super-mini signal conditioners with display M1E-
2 series
• Multi-channel super-mini signal conditioners with display
M1E-4 series
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M2.6 screw terminals (torque 0.5 N·m)
• Connected to transmitter body with connector
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
■Recommended solderless terminal size - M3 (unit: mm)
12max
3max
4min
3.2 dia.
(mm)
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Storage temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 10 to 85 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail (35 mm rail)
Weight: Approx. 105 g (0.23 lb) without a transmitter body
PERFORMANCE
Insulation resistance:≥ 100 MΩ with 500 V DC (between
terminals)
Dielectric strength: 1500 V AC @ 1 minute (between
terminals)
STANDARDS & APPROVALS
Conforming to related products
RoHS Directive


Similar Part No. - M1E-BS2/C01

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M1E-BS2/Q MSYSTEM-M1E-BS2/Q Datasheet
170Kb / 2P
INSTALLATION BASE
More results

Similar Description - M1E-BS2/C01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-520 ADVANTECH-UTC-520 Datasheet
262Kb / 1P
Installation Accessories
logo
M-System Co.,Ltd.
BS16 MSYSTEM-BS16 Datasheet
167Kb / 3P
INSTALLATION BASE (16 positions)
M1EBS MSYSTEM-M1EBS Datasheet
170Kb / 2P
INSTALLATION BASE
R6N-BS MSYSTEM-R6N-BS Datasheet
317Kb / 5P
Remote I/O R6 Series INSTALLATION BASE
R6D-BS MSYSTEM-R6D-BS Datasheet
325Kb / 5P
Remote I/O R6 Series INSTALLATION BASE
R30EBS MSYSTEM-R30EBS Datasheet
241Kb / 4P
INSTALLATION BASE (R3 I/O module extension use)
R30BS MSYSTEM-R30BS Datasheet
613Kb / 5P
Remote I/O R30 Series INSTALLATION BASE
R3-BS MSYSTEM-R3-BS Datasheet
161Kb / 5P
Remote I/O R3 Series INSTALLATION BASE
R5-BS MSYSTEM-R5-BS Datasheet
311Kb / 4P
Remote I/O R5 Series INSTALLATION BASE
R6S-BS MSYSTEM-R6S-BS Datasheet
333Kb / 5P
Remote I/O R6 Series INSTALLATION BASE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com