Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1EXR-2-P/C01 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M1EXR-2-P/C01
Description  2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EXR-2-P/C01 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M1EXR-2-P/C01 Datasheet HTML 1Page - M-System Co.,Ltd. M1EXR-2-P/C01 Datasheet HTML 2Page - M-System Co.,Ltd. M1EXR-2-P/C01 Datasheet HTML 3Page - M-System Co.,Ltd. M1EXR-2-P/C01 Datasheet HTML 4Page - M-System Co.,Ltd. M1EXR-2-P/C01 Datasheet HTML 5Page - M-System Co.,Ltd. M1EXR-2-P/C01 Datasheet HTML 6Page - M-System Co.,Ltd. M1EXR-2-P/C01 Datasheet HTML 7Page - M-System Co.,Ltd. M1EXR-2-P/C01 Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MODEL: M1EXR-2
M1EXR-2 SPECIFICATIONS
ES-5984 Rev.2 Page 3/8
https://www.m-system.co.jp/
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example] Input Range Pt 100 (JIS'97, IEC), 0 – 100°C, Output Range 0 – 20 mA, Output Setting 4 – 20 mA
■ Overall accuracy
• Input Accuracy
100 ℃ × 0.1 % = 0.1 ℃
0.2 ℃ is higher thus 0.2 ℃ is selected
0.2 ℃ ÷ 100 ℃ = 0.2 %
• Output Accuracy = Output Range Span (20 mA) ÷ Output Span Setting (16 mA) × 0.06 % = 0.075 %
Overall Accuracy = 0.2 + 0.075 = ±0.275 %
[Table 1]
INPUT RANGE
°C
MINIMUM SPAN
SETTING RANGE
ACCURACY
JPt 100 (JIS’ 89)
20
-200.00 to +500.00
±0.5 (±0.2°C, when set with the range of -200.00 to +200.00°C)
Pt 100 (JIS’ 89)
20
-200.00 to +650.00
±0.5 (±0.2°C, when set with the range of -200.00 to +200.00°C)
Pt 100 (JIS’ 97, IEC)
20
-200.00 to +850.00
±0.5 (±0.2°C, when set with the range of -200.00 to +200.00°C)
Pt 50 Ω (JIS’ 81)
20
-200.00 to +649.00
±0.8
Ni 508.4 Ω
20
-50.00 to +200.00
±0.8
Pt 1000
20
-200.00 to +850.00
±0.8
Ni 100
20
-50.00 to +200.00
±0.8
Cu 10 @ 25°C
20
-50.00 to +250.00
±1.0
INPUT RANGE
°F
MINIMUM SPAN
SETTING RANGE
ACCURACY
JPt 100 (JIS’ 89)
36
-328.00 to +932.00
±0.90 (±0.36°F, when set with the range of -328.00 to +392.00°F)
Pt 100 (JIS’ 89)
36
-328.00 to+1202.00
±0.90 (±0.36°F, when set with the range of -328.00 to +392.00°F)
Pt 100 (JIS’ 97, IEC)
36
-328.00 to+1562.00
±0.90 (±0.36°F, when set with the range of -328.00 to +392.00°F)
Pt 50 Ω (JIS’ 81)
36
-328.00 to+1200.20
±1.44
Ni 508.4 Ω
36
-58.00 to +392.00
±1.44
Pt 1000
36
-328.00 to+1562.00
±1.44
Ni 100
36
-58.00 to +392.00
±1.44
Cu 10 @ 25°C
36
-58.00 to +482.00
±1.80
INPUT RANGE
K
MINIMUM SPAN
SETTING RANGE
ACCURACY
JPt 100 (JIS’ 89)
20
73.15 to 773.15
±0.5 (±0.2K, when set with the range of 73.15 to 473.15K)
Pt 100 (JIS’ 89)
20
73.15 to 923.15
±0.5 (±0.2K, when set with the range of 73.15 to 473.15K)
Pt 100 (JIS’ 97, IEC)
20
73.15 to 1123.15
±0.5 (±0.2K, when set with the range of 73.15 to 473.15K)
Pt 50 Ω (JIS’ 81)
20
73.15 to 922.15
±0.8
Ni 508.4 Ω
20
223.15 to 473.15
±0.8
Pt 1000
20
73.15 to 1123.15
±0.8
Ni 100
20
223.15 to 473.15
±0.8
Cu 10 @ 25°C
20
223.15 to 523.15
±1.0
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
RoHS Directive



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com