Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10EC Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 10EC
Description  High-density Signal Conditioners 10-RACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10EC Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  10EC Datasheet HTML 1Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL: 10EC
http://www.m-system.co.jp/
10EC SPECIFICATIONS
ES-0898 Rev.4 Page 1/1
High-density Signal Conditioners 10-RACK
EXTENDER CARD
Functions & Features
• Enabling the 10-RACK and 15-RACK modules to proceed
adjustments at the extracted position without losing
electrical connection
MODEL: 10EC
ORDERING INFORMATION
• Code number: 10EC
SPECIFICATIONS
Power fuse
Model No.: FGMB PBF
Rating: 125 V 0.5 A
INSTALLATION
Weight: 150 g (0.33 lb)
DIMENSIONS unit: mm (inch)
302.5 (11.91)
34 (1.34)
EDGE-CONNECTOR
POWER FUSE
Specifications are subject to change without notice.


Similar Part No. - 10EC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
10EC1 MACOM-10EC1 Datasheet
469Kb / 2P
High Performance Compact RFI Power Line Filters with IEC Connectors
10EC1 MACOM-10EC1 Datasheet
243Kb / 3P
High Performance EMI Power Inlet Filter
More results

Similar Description - 10EC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
10JT MSYSTEM-10JT Datasheet
101Kb / 3P
High-density Signal Conditioners 10-RACK
10JFT MSYSTEM-10JFT Datasheet
177Kb / 5P
High-density Signal Conditioners 10-RACK
10EHZ MSYSTEM-10EHZ Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10DNY MSYSTEM-10DNY Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10CA MSYSTEM-10CA Datasheet
93Kb / 3P
High-density Signal Conditioners 10-RACK
10BOS MSYSTEM-10BOS Datasheet
99Kb / 3P
High-density Signal Conditioners 10-RACK
10AP MSYSTEM-10AP Datasheet
116Kb / 3P
High-density Signal Conditioners 10-RACK
10ABS MSYSTEM-10ABS Datasheet
86Kb / 2P
High-density Signal Conditioners 10-RACK
10YS MSYSTEM-10YS Datasheet
91Kb / 3P
High-density Signal Conditioners 10-RACK
10VP MSYSTEM-10VP Datasheet
94Kb / 3P
High-density Signal Conditioners 10-RACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com