Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10D Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 10D
Description  High-density Signal Conditioners 10-RACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10D Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  10D Datasheet HTML 1Page - M-System Co.,Ltd. 10D Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: 10D
http://www.m-system.co.jp/
10D SPECIFICATIONS
ES-0822 Rev.8 Page 1/2
High-density Signal Conditioners 10-RACK
CURRENT LOOP SUPPLY
(non-isolated)
Functions & Features
• Powering a 4 – 20 mA DC current loop
• Electrically isolating output signal from power input
• Shortcircuit protection
• Applicable to smart transmitters
Typical Applications
• Various 2-wire transmitters
MODEL: 10D–A60–R[1]
ORDERING INFORMATION
• Code number: 10D-A60-R[1]
Specify a code from below for [1].
(e.g. 10D-A60-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
OUTPUT
Voltage
6: 1 – 5 V DC (Load resistance 250 kΩ min.)
OUTPUT 2
0: None
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals at the front and via card-edge connector at the
rear; terminal cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
Output: Card-edge connector and M3.5 screw terminals
(torque 0.8 N·m)
Power input: Supplied from card-edge connector
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Input or output to power
SUPPLY OUTPUT
Output voltage: 24 – 32 V DC with no load
Current rating: ≤ 22 mA DC
• Shortcircuit Protection
Current limited: 30 mA max.
Protected time duration: No limit
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
OUTPUT SPECIFICATIONS
The output goes below 0 % when the input is open.
INSTALLATION
Current consumption: Approx. 50 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 10BXx
Weight: 200 g (0.44 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 % (accuracy of the receiving resistor)
Temp. coefficient: ±0.003 %/°C (±0.002 %/°F) (temp.
coefficient of the receiving resistor)
Line voltage effect to supply output: ±3 % over voltage
range


Similar Part No. - 10D

ManufacturerPart #DatasheetDescription
logo
StarHope
10D SPSEMI-10D Datasheet
350Kb / 2P
Varistor Type MYG
logo
SUNMATE electronic Co.,...
10D SUNMATE-10D Datasheet
864Kb / 4P
METAL OXIDE VARISTORS
logo
Yuan Dean Scientific., ...
10D YUANDEAN-10D Datasheet
275Kb / 2P
DC-DC Converter
logo
Shanghai Yint Electroni...
10D YINT-10D Datasheet
695Kb / 4P
Metal Oxide Varistors
logo
HuaXinAn Electronics CO...
10D HUAXINAN-10D Datasheet
453Kb / 6P
Metal Oxide Varistors (MOV)
More results

Similar Description - 10D

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
10JT MSYSTEM-10JT Datasheet
101Kb / 3P
High-density Signal Conditioners 10-RACK
10JFT MSYSTEM-10JFT Datasheet
177Kb / 5P
High-density Signal Conditioners 10-RACK
10EHZ MSYSTEM-10EHZ Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10EC MSYSTEM-10EC Datasheet
67Kb / 1P
High-density Signal Conditioners 10-RACK
10DNY MSYSTEM-10DNY Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10CA MSYSTEM-10CA Datasheet
93Kb / 3P
High-density Signal Conditioners 10-RACK
10BOS MSYSTEM-10BOS Datasheet
99Kb / 3P
High-density Signal Conditioners 10-RACK
10AP MSYSTEM-10AP Datasheet
116Kb / 3P
High-density Signal Conditioners 10-RACK
10ABS MSYSTEM-10ABS Datasheet
86Kb / 2P
High-density Signal Conditioners 10-RACK
10YS MSYSTEM-10YS Datasheet
91Kb / 3P
High-density Signal Conditioners 10-RACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com