Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10AS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 10AS
Description  High-density Signal Conditioners 10-RACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10AS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  10AS Datasheet HTML 1Page - M-System Co.,Ltd. 10AS Datasheet HTML 2Page - M-System Co.,Ltd. 10AS Datasheet HTML 3Page - M-System Co.,Ltd. 10AS Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: 10AS
http://www.m-system.co.jp/
10AS SPECIFICATIONS
ES-0881 Rev.13 Page 1/4
High-density Signal Conditioners 10-RACK
DC ALARM
Functions & Features
• Providing relay contact closures at preset DC input levels
• Single or dual (Hi/Lo) trip
• Multi-turn screwdriver setpoint adjustments
Typical Applications
• Annunciator
• Various alarm applications
MODEL: 10AS–[1][2]–R[3]
ORDERING INFORMATION
• Code number: 10AS-[1][2]-R[3]
Specify a code from below for each [1] through [3].
(e.g. 10AS-62-R/Q)
Use Ordering Information Sheet (No. ESU-1033) to specify
output code 0 specifications.
• Special input range (For code 0)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
D: 0 – 20 mA DC (Input resistance 50 Ω)
G: 0 – 1 mA DC (Input resistance 1000 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
Voltage
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
[2] ALARM OUTPUT
1: Single (SPDT); Hi in power failure
2: Single (SPDT); Lo in power failure
3: Dual (2 points SPDT); Hi in power failure
4: Dual (2 points SPDT); Lo in power failure
5: Hi/Lo (2 points SPDT); ON at alarm; OFF in power failure
7: Hi/Lo (2 points SPDT); ON at alarm and in power failure
8: Hi/Lo (2 points SPDT); OFF at alarm and in power failure
0: Specify
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals at the front and via card-edge connector at the
rear; terminal cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
Output: M3.5 screw terminals (torque 0.8 N·m)
Power input: Supplied from card-edge connector
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Setpoint adjustments: Multi-turn screwdriver adjustments
(front); -5 – +105 % independently
Hysteresis (deadband): Approx. 1 %
Front LEDs: Red light turns on when the coil is energized.
Power ON timer: Relays de-energized for approx. 2 seconds
after power is turned on.
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
■ DC Voltage: 0 – 300 V DC
Minimum span: 1 V
Offset: Max. 1.5 times span
Input resistance: ≥ 1 MΩ


Similar Part No. - 10AS

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
10A YANGJIE-10A Datasheet
264Kb / 2P
SILICON RECTIFIERS
logo
Pro-Power
10A MAINS BLK PROPOWER-10A MAINS BLK Datasheet
351Kb / 3P
20Mains Flex - 3 Core Cable Coiled (0.2, 0.75 and 1.25mm2)
31/08/22 V1.1
10A MAINS GREY PROPOWER-10A MAINS GREY Datasheet
351Kb / 3P
20Mains Flex - 3 Core Cable Coiled (0.2, 0.75 and 1.25mm2)
31/08/22 V1.1
10A MAINS WHT PROPOWER-10A MAINS WHT Datasheet
351Kb / 3P
20Mains Flex - 3 Core Cable Coiled (0.2, 0.75 and 1.25mm2)
31/08/22 V1.1
logo
Electroswitch Electroni...
10A-250VAC ELECTROSWITCH-10A-250VAC Datasheet
102Kb / 1P
Push Button Switches
2010
More results

Similar Description - 10AS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
10JT MSYSTEM-10JT Datasheet
101Kb / 3P
High-density Signal Conditioners 10-RACK
10JFT MSYSTEM-10JFT Datasheet
177Kb / 5P
High-density Signal Conditioners 10-RACK
10EHZ MSYSTEM-10EHZ Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10EC MSYSTEM-10EC Datasheet
67Kb / 1P
High-density Signal Conditioners 10-RACK
10DNY MSYSTEM-10DNY Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10CA MSYSTEM-10CA Datasheet
93Kb / 3P
High-density Signal Conditioners 10-RACK
10BOS MSYSTEM-10BOS Datasheet
99Kb / 3P
High-density Signal Conditioners 10-RACK
10AP MSYSTEM-10AP Datasheet
116Kb / 3P
High-density Signal Conditioners 10-RACK
10ABS MSYSTEM-10ABS Datasheet
86Kb / 2P
High-density Signal Conditioners 10-RACK
10YS MSYSTEM-10YS Datasheet
91Kb / 3P
High-density Signal Conditioners 10-RACK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com