Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10AP-D10-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 10AP-D10-R
Description  High-density Signal Conditioners 10-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10AP-D10-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  10AP-D10-R Datasheet HTML 1Page - M-System Co.,Ltd. 10AP-D10-R Datasheet HTML 2Page - M-System Co.,Ltd. 10AP-D10-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 10AP
10AP SPECIFICATIONS
ES-0851 Rev.9 Page 1/3
http://www.m-system.co.jp/
High-density Signal Conditioners 10-RACK
DC/FREQUENCY CONVERTER
Functions & Features
• Providing two pulse rate outputs in proportion to DC input
signal
Typical Applications
• Totalizing applications in combination with a counter
MODEL: 10AP–[1][2][3]–R[4]
ORDERING INFORMATION
• Code number: 10AP-[1][2][3]-R[4]
Specify a code from below for each of [1] through [4].
(e.g. 10AP-621-R/Q)
• Special input range (For codes Z & 0)
• Output frequency range (e.g. 0 – 500 Hz)
Frequencies of Output 1 and 2 are the same.
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
D: 0 – 20 mA DC (Input resistance 50 Ω)
G: 0 – 1 mA DC (Input resistance 1000 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
( 0 % input must be 0 mA.)
Voltage
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
( 0 % input must be 0 V.)
[2] OUTPUT 1
1: Open collector (max. 1 kHz)
2: 5 V pulse (max. 1 kHz)
5: Photo MOSFET relay pulse (max. 30 Hz)
[3] OUTPUT 2
0: None
1: Open collector
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals at the front and via card-edge connector at the
rear; terminal cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
Output: Card-edge connector and M3.5 screw terminals
(torque 0.8 N·m)
Power input: Supplied from card-edge connector
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output 1 to output 2 to power
Overrange output: Approx. 0 to 120 %
Zero adjustment: 0 – 5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
Specify input resistance value for code Z.
(R ≤ 2 W ÷ [F.S. Current]2)
■ DC Voltage: 0 – 300V DC
Minimum span: 1V
Input resistance: 1 MΩ min.


Similar Part No. - 10AP-D10-R

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
10A YANGJIE-10A Datasheet
264Kb / 2P
SILICON RECTIFIERS
logo
Pro-Power
10A MAINS BLK PROPOWER-10A MAINS BLK Datasheet
351Kb / 3P
20Mains Flex - 3 Core Cable Coiled (0.2, 0.75 and 1.25mm2)
31/08/22 V1.1
10A MAINS GREY PROPOWER-10A MAINS GREY Datasheet
351Kb / 3P
20Mains Flex - 3 Core Cable Coiled (0.2, 0.75 and 1.25mm2)
31/08/22 V1.1
10A MAINS WHT PROPOWER-10A MAINS WHT Datasheet
351Kb / 3P
20Mains Flex - 3 Core Cable Coiled (0.2, 0.75 and 1.25mm2)
31/08/22 V1.1
logo
Electroswitch Electroni...
10A-250VAC ELECTROSWITCH-10A-250VAC Datasheet
102Kb / 1P
Push Button Switches
2010
More results

Similar Description - 10AP-D10-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
10JT MSYSTEM-10JT Datasheet
101Kb / 3P
High-density Signal Conditioners 10-RACK
10JFT MSYSTEM-10JFT Datasheet
177Kb / 5P
High-density Signal Conditioners 10-RACK
10EHZ MSYSTEM-10EHZ Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10EC MSYSTEM-10EC Datasheet
67Kb / 1P
High-density Signal Conditioners 10-RACK
10DNY MSYSTEM-10DNY Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10CA MSYSTEM-10CA Datasheet
93Kb / 3P
High-density Signal Conditioners 10-RACK
10BOS MSYSTEM-10BOS Datasheet
99Kb / 3P
High-density Signal Conditioners 10-RACK
10ABS MSYSTEM-10ABS Datasheet
86Kb / 2P
High-density Signal Conditioners 10-RACK
10YS MSYSTEM-10YS Datasheet
91Kb / 3P
High-density Signal Conditioners 10-RACK
10VP MSYSTEM-10VP Datasheet
94Kb / 3P
High-density Signal Conditioners 10-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com