Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10ABS-AA-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 10ABS-AA-R
Description  High-density Signal Conditioners 10-RACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10ABS-AA-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  10ABS-AA-R Datasheet HTML 1Page - M-System Co.,Ltd. 10ABS-AA-R Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: 10ABS
http://www.m-system.co.jp/
10ABS SPECIFICATIONS
ES-0884 Rev.7 Page 1/2
High-density Signal Conditioners 10-RACK
ANALOG BACKUP SWITCHER
Functions & Features
• Changing control from DCS output to manual operation
• Control output selectable by an external switch
Typical Applications
• Enabling manual operation of valves
MODEL: 10ABS–AA–R[1]
ORDERING INFORMATION
• Code number: 10ABS-AA-R[1]
Specify a code from below for [1].
(e.g. 10ABS-AA-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
INPUT
Current
A: 4 – 20 mA DC
OUTPUT
Current
A: 4 – 20 mA DC
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals at the front and via card-edge connector at the
rear; terminal cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
Output: M3.5 screw terminals (torque 0.8 N·m)
Power input: Supplied from card-edge connector
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Input or output to power
Indicator LED: Light turns on during DCS control
INPUT SPECIFICATIONS
Input: control output of the DCS; 4 – 20 mA DC
OUTPUT SPECIFICATIONS
Output: 4 – 20 mA DC
Relay mechanical life: 5 x 107 cycles
INSTALLATION
Current consumption: Approx. 40 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 10BXx
Weight: 150 g (0.33 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input or output to power)
1500V AC @1 minute (input or output to ground)


Similar Part No. - 10ABS-AA-R

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
10A YANGJIE-10A Datasheet
264Kb / 2P
SILICON RECTIFIERS
logo
Pro-Power
10A MAINS BLK PROPOWER-10A MAINS BLK Datasheet
351Kb / 3P
20Mains Flex - 3 Core Cable Coiled (0.2, 0.75 and 1.25mm2)
31/08/22 V1.1
10A MAINS GREY PROPOWER-10A MAINS GREY Datasheet
351Kb / 3P
20Mains Flex - 3 Core Cable Coiled (0.2, 0.75 and 1.25mm2)
31/08/22 V1.1
10A MAINS WHT PROPOWER-10A MAINS WHT Datasheet
351Kb / 3P
20Mains Flex - 3 Core Cable Coiled (0.2, 0.75 and 1.25mm2)
31/08/22 V1.1
logo
Electroswitch Electroni...
10A-250VAC ELECTROSWITCH-10A-250VAC Datasheet
102Kb / 1P
Push Button Switches
2010
More results

Similar Description - 10ABS-AA-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
10JT MSYSTEM-10JT Datasheet
101Kb / 3P
High-density Signal Conditioners 10-RACK
10JFT MSYSTEM-10JFT Datasheet
177Kb / 5P
High-density Signal Conditioners 10-RACK
10EHZ MSYSTEM-10EHZ Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10EC MSYSTEM-10EC Datasheet
67Kb / 1P
High-density Signal Conditioners 10-RACK
10DNY MSYSTEM-10DNY Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10CA MSYSTEM-10CA Datasheet
93Kb / 3P
High-density Signal Conditioners 10-RACK
10BOS MSYSTEM-10BOS Datasheet
99Kb / 3P
High-density Signal Conditioners 10-RACK
10AP MSYSTEM-10AP Datasheet
116Kb / 3P
High-density Signal Conditioners 10-RACK
10YS MSYSTEM-10YS Datasheet
91Kb / 3P
High-density Signal Conditioners 10-RACK
10VP MSYSTEM-10VP Datasheet
94Kb / 3P
High-density Signal Conditioners 10-RACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com