Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10AS-01 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 10AS-01
Description  High-density Signal Conditioners 10-RACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10AS-01 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  10AS-01 Datasheet HTML 1Page - M-System Co.,Ltd. 10AS-01 Datasheet HTML 2Page - M-System Co.,Ltd. 10AS-01 Datasheet HTML 3Page - M-System Co.,Ltd. 10AS-01 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: 10AS
http://www.m-system.co.jp/
10AS SPECIFICATIONS
ES-0881 Rev.13 Page 2/4
OUTPUT SPECIFICATIONS
■ Relay Contact: 100 V AC @ 1 A (cos ø = 1)
120 V AC @ 1 A (cos ø = 1)
240 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 1 A (resistive load)
Maximum switching voltage: 380 V AC or 125 V DC
Maximum switching power: 120 VA or 30 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: 5 x 107 cycles
For maximum relay life with inductive loads, external
protection is recommended.
Trip Operation in Power Failure
•Output code 1: Terminals 3 – 8 turn ON
•Output code 2: Terminals 5 – 8 turn ON
•Output code 3
•Output code 4
•Output code 5, 8
•Output code 7
Alarm Trip Operation Terminal No. in parentheses
•Output Code : 5, 7
0
50
100
Input
(%)
▲
Setpoint
Output
•Output Code : 1, 2
(5–8)ON
(3–8)ON
0
50
100
Input
(%)
▲
Setpoint 1
Output 1
•Output Code : 3, 4
(5–8)ON
(3–8)ON
(7–8)ON
(6–8)ON
▲
Setpoint 2
Output 2
0
50
100
Input
(%)
▲
Hi Setpoint
Hi Output
(5–8)ON
(3–8)ON
(7–8)ON
(6–8)ON
▲
Lo Setpoint
Lo Output
•Output Code : 8
0
50
100
Input
(%)
▲
Hi Setpoint
Hi Output
(5–8)ON
(3–8)ON
(6–8)ON
(7–8)ON
▲
Lo Setpoint
Lo Output
INSTALLATION
Current consumption: Approx. 80 mA with dual alarm
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 10BXx
Weight: 200 g (0.44 lb)
PERFORMANCE in percentage of span
Trip point repeatability: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: Approx. 0.5 sec. (0 – 100 % at 90 %
setpoint)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute
(input to output to power)
1500 V AC @ 1 minute (input or output or power to ground)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com