Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBBC3210 Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # VBBC3210
Description  Dual N-Channel 20 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBBC3210 Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VBBC3210 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBBC3210 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBBC3210 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBBC3210 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBBC3210 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBBC3210 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBBC3210 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBBC3210 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
--
40
-
1120
-
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
20
-
-
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 μA
-22
-
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
--3
-
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 μA
0.4
-
1
V
Gate-Source Leakage
IGSS
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
-
-
1
μA
VDS = 20 V, VGS = 0 V, TJ = 55 °C
-
-
10
On-State Drain Current a
ID(on)
VDS  5 V, VGS = 10 V
20
-
-
A
Drain-Source On-State Resistance a
RDS(on)
Forward Transconductance a
gfs
VDS = 10 V, ID = 10 A
-
47
-
S
Dynamic b
Input Capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
pF
Output Capacitance
Coss
-
180
-
Total Gate Charge
Qg
VDS = 15 V, VGS = 8 V, ID = 10 A
-
21
32
nC
VDS = 15 V, VGS = 4.5 V, ID = 10 A
-12
18
Gate-Source Charge
Qgs
-2
-
Gate-Drain Charge
Qgd
-1.3
-
Gate Resistance
Rg
f = 1 MHz
-
1.8
3.6
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 1.25 
ID  8 A, VGEN = 4.5 V, Rg = 1 
-10
15
ns
Rise Time
tr
-10
15
Turn-Off Delay Time
td(off)
-35
55
Fall Time
tf
-10
15
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 1.25 
ID  8 A, VGEN = 8 V, Rg = 1 
-10
15
Rise Time
tr
-10
15
Fall Time
tf
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
A
Pulse Diode Forward Current
ISM
Body Diode Voltage
VSD
Body Diode Reverse Recovery Time
trr
IF = 8 A, dI/dt = 100 A/μs, TJ = 25 °C
-20
30
ns
Body Diode Reverse Recovery Charge
Qrr
-15
25
nC
Reverse Recovery Fall Time
ta
ns
Reverse Recovery Rise Time
tb
www.VBsemi.com
2
VBBC3210
VGS = 4.5 V, ID = 10 A
-
0.0170
VGS = 2.5 V, ID = 9 A
-
0.0240
VGS = 1.8 V, ID = 8.2 A
-
0.0490
Turn-Off Delay Time
td(off)
-25
40
-10
15
Reverse Transfer Capacitance
Crss
-80
-
VDS = 0 V, VGS = ± 8 V
-
-
± 100
nA
IS = 8 A, VGS = 0 V
-
0.81
1.2
V
-7.5
-
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TC = 25 °C
-
-
19
-
12.5
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com