Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB140 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # MB140
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

MB140 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  MB140 Datasheet HTML 1Page - Lite-On Technology Corporation MB140 Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MB140
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT- 1.0 Ampere
SURFACE MOUNT
SCHOTTKY BARRIER RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃
℃
℃
℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SEMICONDUCTOR
LITE-ON
Case
: JEDEC DO-216AA Molded
plastic
Polarity : Cathode designated by TAB 1
Approx Weight : 0.016grams
Mounting position : Any
For surface mounted applications
Metal-Semiconductor junction with guardring
Epitaxial construction
Low VF provides higher efficiency and extends
battery life
Plastic material has UL flammability classification
94V-0
For use in portable and battery powered product
Typical applications are ac/ac and dc/dc converters,
reverse battery protection, and "Oring" of multiple
supply voltage
FEATURES
MECHANICAL DATA
DO-216AA
A
B
H
K
J
C
G
I
G F
All Dimensions in millimeter
DO-216AA
DIM.
MIN.
MAX.
A
1.75
2.05
B
1.80
2.20
C
0.95
1.25
D
0.42
0.68
E
0.70
1.00
F
-0.05
+0.10
G
0.10
0.25
H
3.65
3.95
I
0.40
0.70
J
1.10
1.50
K
0.20
0.80
D
E
CATHODE
TAB 1
ANODE
TAB 2
NOTE: 1.Pulse Test: Pulse Width = 300us , Duty Cycle = 2%
Maximum RMS voltage
Units
V
V
V
Maximum recurrent peak reverse voltage
Vrrm
Vrms
Maximum average forward rectified current @TL=110℃
Peak forward surge current 8.3 ms single half-sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage (Note 1)
( @ IF=0.1A )
( @ IF=1.0A )
( @ IF=3.0A )
Maximum instantaneous reverse current
( @ VR=40V )
( @ VR=20V )
Thermal resistance - Junction to Lead (Anode)
Thermal resistance - Junction to Tab (Cathode)
Thermal resistance - Junction to Ambient
Operating Temperature Range
Storage Temperature Range
IFSM
IR
TSTG
A
A
V
mA
-55 to +125
40
-55 to +150
Maximum DC blocking voltage
35
20
250
TJ
0.36
0.55
0.85
Characteristics
Symbol
℃/W
℃
℃
40
28
40
MB140
1.0
VF
I(AV)
Rtjl
Rttab
Rtja
@ TJ = 25℃
@ TJ = 85℃
0.30
0.515
0.88
0.5
0.15
@ TJ = 25℃
@ TJ = 85℃
25
18
VDC
REV. 0, 26-Dec-2001, KSHP01


Similar Part No. - MB140

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
MB140 CHONGQING-MB140 Datasheet
175Kb / 1P
1.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
MB140F-C SECOS-MB140F-C Datasheet
298Kb / 2P
1Amp Surface Mount Bridge Rectifiers
More results

Similar Description - MB140

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com