Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

545231 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 545231
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

545231 Datasheet(HTML) 1 Page - Festo Corporation.

  545231 Datasheet HTML 1Page - Festo Corporation. 545231 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VMPA1-M1H-I-S-M7-PI
Part number: 545231
Data sheet
Feature
Value
Valve function
2x2/2 closed, monostable
Relative air humidity
Max. 90 % at 40 °C
Lap
Overlap
Pilot pressure MPa
0.3 MPa ... 0.8 MPa
Operating pressure
0.3 MPa ... 1 MPa
Actuation type
Electrical
Valve size
10 mm
Standard nominal flow rate
260 l/min
Pneumatic working port
M7
Operating voltage
24V DC
Operating pressure
3 bar ... 10 bar
Design
Piston gate valve
Reset method
Pneumatic spring
Degree of protection
IP65
as per IEC 60529
Certification
c UL us - Recognized (OL)
Type code
VMPA1
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Non-detenting
Type of control
Pilot-controlled
Pilot air supply port
External
Flow direction
Non-reversible
Symbol
00991804
Signal status display
yes
Pilot pressure
3 bar ... 8 bar
Suitability for vacuum
no
Standard nominal flow rate with QS-6
230 l/min
Switching time off
20 ms
On switching time
8 ms
Max. positive test pulse with 0 signal
400 µs
Max. negative test pulse on 1 signal
200 µs
Permissible voltage fluctuations
+/- 25 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
3/29/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 545231

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452310 PHOENIX-5452310 Datasheet
91Kb / 4P
Printed-circuit board connector - BCH-508H-22 BK
5452311 PHOENIX-5452311 Datasheet
91Kb / 4P
Printed-circuit board connector - BCH-508H-23 BK
5452312 PHOENIX-5452312 Datasheet
89Kb / 3P
Printed-circuit board connector - BCH-508H-24 BK
5452313 PHOENIX-5452313 Datasheet
98Kb / 3P
Printed-circuit board connector - BCH-350HF- 2 BK
5452314 PHOENIX-5452314 Datasheet
100Kb / 4P
Printed-circuit board connector - BCH-350HF- 3 BK
More results

Similar Description - 545231

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com