Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULLC0521 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ULLC0521
Description  LOW CAPACITANCE TVS DIODE ARRA Y
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ULLC0521 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ULLC0521 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ULLC0521 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ULLC0521 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
●
Ultra low leakage: nA level
●
Operating voltage: 5V
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±25kV
Contact discharge: ±17kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 4A (8/20μs)
●
RoHS Compliant
Applications
Dimensions DFN0603
Pin Configuration
Mechanical Characteristics
●
Package: DFN0603
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:15,000pcs
●
Reel Size:7 inch
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
40
W
ESD per IEC 61000−4−2 (Air)
VESD
±
25
Kv
ESD per IEC 61000−4−2 (Contact)
±
17
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃
ULLC0521
LOW CAPACITANCE TVS DIODE ARRAY
Cellular Handsets and Accessories
Display Ports
MDDI Ports
USB Ports
Digital Visual Interface (DVI)
PCI Express and Serial SATA Ports
www.leiditech.com
1/3
Rev 2.0 :12.01.2019


Similar Part No. - ULLC0521

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ULLC0402FC05C PROTEC-ULLC0402FC05C Datasheet
159Kb / 4P
UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0402FC05C PROTEC-ULLC0402FC05C Datasheet
102Kb / 5P
UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0402FC05C PROTEC-ULLC0402FC05C Datasheet
76Kb / 5P
UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0402FC05C-T710-2 PROTEC-ULLC0402FC05C-T710-2 Datasheet
76Kb / 5P
UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0402FC05C-T75-1 PROTEC-ULLC0402FC05C-T75-1 Datasheet
76Kb / 5P
UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
More results

Similar Description - ULLC0521

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD8V0L INFINEON-ESD8V0L_09 Datasheet
570Kb / 9P
Low Capacitance TVS Diode
2009-07-07
logo
Protek Devices
PMAD1108 PROTEC-PMAD1108_12 Datasheet
518Kb / 4P
ultra low capa citance multi-line steering diode arra y
PMMAD PROTEC-PMMAD_12 Datasheet
749Kb / 7P
ultra low capa citance multi-line steering diode arra y
PMMAD1108 PROTEC-PMMAD1108_12 Datasheet
498Kb / 5P
ultra low capa citance multi-line steering diode arra y
logo
Shanghai Leiditech Elec...
LC12I LEIDITECH-LC12I Datasheet
130Kb / 3P
LOW CAPACITANCE TVS DIODE
LC3301CW LEIDITECH-LC3301CW Datasheet
130Kb / 3P
LOW CAPACITANCE TVS DIODE
LC03ILVB LEIDITECH-LC03ILVB Datasheet
816Kb / 6P
LOW CAPACITANCE TVS DIODE
LC3311DCW LEIDITECH-LC3311DCW Datasheet
193Kb / 3P
LOW CAPACITANCE TVS DIODE
WS05DLC LEIDITECH-WS05DLC Datasheet
385Kb / 3P
LOW CAPACITANCE TVS DIODE
ESD3F7VW LEIDITECH-ESD3F7VW Datasheet
645Kb / 4P
LOW CAPACITANCE TVS DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com