Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBU005 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # KBU005
Description  Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

KBU005 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  KBU005 Datasheet HTML 1Page - First Silicon Co., Ltd KBU005 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
KBU4005 ~ KBU410
2013 04 15
1/2
Revision No : 0
Bridge Rectifier
■ Features
■ Outline Dimensions and Mark
●
Io
4A
●
VRRM
50V~1000V
●
Glass passivated chip
●
High surge forward current capability
■ Applications
●
General purpose 1 phase Bridge
rectifier applications
■ Limiting Values(Absolute Maximum Rating)
KBU
Item
Symbol Unit
Conditions
005 01
02
04
06
08 10
Repe itive Peak Reverse Voltage
VRRM
V
50
100 200 400 600 800 1000
Tc=90℃
4
Average Rectified Output
Current
IO
A
60HZ sine wave,
R- load
Ta=40℃
4
Surge(Non-repetitive)Forward
Current
IFSM
A
60HZ sine wave, 1 cycle, Ta=25℃
150
Current Squared Time
I
2t
A
2s
1ms≤t<8.3ms Tj=25℃,Rating of per
diode
93
Storage Temperature
Tstg
℃
-55 ~+150
Junction Temperature
Tj
℃
-55 ~+150
■ Electrical Characteristics(T
a=25℃ Unless otherwise specified)
Item
Symbol Unit
Test Condition
Max
Peak Forward Voltage
VFM
V
IFM=4A, Pulse measurement, Rating of per diode
1.1
Peak Reverse Current
IRRM
μA
VRM=VRRM , Pulse measurement, Rating of per diode
10
RθJ-A
Between junction and ambient
13
(1)
Thermal Resistance
RθJ-C
℃/W
Between junction and case
7 5
(2)
(Notes ):
(1)Units Mounted in free air ,no heat sink,P.C.B. at 0.375” (9.5mm) lead length with 0.5×0.5”(12×12mm) copper pads.
(2)Units Mounted on a aluminum plate heat sink.
Dimensions in inches and (millimeters)
KBU
-
AC
+
.15×.23L(3.8×5.7L)
HOLE THRU
.780(19.8)
.740(18.8)
.323(8.20)
.789(20.0)
MIN
.052(1.30)
.048(1.20)
DIA
.197(5.00)
.181(4.60)
.220(5.60)
.181(4.60)
.280(7.10)
.268(6.80)
.935(23.7)
.895(22.7)


Similar Part No. - KBU005

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
KBU CDIL-KBU Datasheet
144Kb / 3P
KBU (4 Leads) In-line Leaded Package
logo
YENYO TECHNOLOGY Co., L...
KBU YENYO-KBU Datasheet
460Kb / 1P
Dimensions in inches and
logo
List of Unclassifed Man...
KBU 321 ETC-KBU 321 Datasheet
65Kb / 1P
BOXES FOR PARTITION WALLS
KBU 322 ETC-KBU 322 Datasheet
65Kb / 1P
BOXES FOR PARTITION WALLS
KBU 441 ETC-KBU 441 Datasheet
65Kb / 1P
BOXES FOR PARTITION WALLS
More results

Similar Description - KBU005

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
RECTIFIER BRIDGE
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
Bridge Rectifier
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
Phase Rectifier Bridge Rectifier Bridge
logo
Zowie Technology Corpor...
Z4GP30MPH ZOWIE-Z4GP30MPH Datasheet
66Kb / 4P
Bridge Rectifier
Z4SGP30MDPH ZOWIE-Z4SGP30MDPH Datasheet
64Kb / 2P
Bridge Rectifier
logo
Guangdong Juxing Electr...
KBJ6005 JUXING-KBJ6005_18 Datasheet
1Mb / 2P
BRIDGE RECTIFIER
logo
SiPower Inc.
T1ZBFDIP SIPOWER-T1ZBFDIP Datasheet
321Kb / 2P
Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com