Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB6F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MB6F
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MB6F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MB6F Datasheet HTML 1Page - First Silicon Co., Ltd MB6F Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
MB2F ~ MB10F
2015. 08. 22
1/2
Revision No : 0
Case Style: MBF
Features
◆
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
◆
High surge current capability
◆
Ideal for printed circuit boards
◆
Glass passivated chip junction
Mechanical Data
Case: Molded plastic body over passivated junctions
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
High temperature soldering guaranteed:
260℃/20 seconds
Mounting Position: Any
Weight: 0.07oz., 0.2g
Dimensions in millimeters
MB2F
MB4F
MB6F
MB8F
MB10F
Unit
200
400
600
800
1000
V
140
280
420
560
700
V
200
400
600
800
1000
V
Maximum average forward output
current rectified (see Fig.1)
superimposed on rated load (JEDEC Method)
Rating for fusig (t<8.3ms)
A
2sec
pF
℃
℃
Maximum instantaneous forward voltage drop per leg at0.4A
V
Tj=25℃
Tj=125℃
Notes:
(1) On glass epoxy P.C B mounted on 0.05''×0.05''(1.3×1.3mm) pads
(2) On aluminum substrate P.C B.with an area of 0.8''×0.8" (20×20mm) mounted on 0.05''×0.05''(1.3×1.3mm)solder pad
μA
A
Symbol
VRRM
Peak forward surge current single sine-wave
Maximum DC blocking voltage
A
0.8
(2)
30
℃/W
VF
IR
Parameter
Maximum repetitive peak reverse voltage
VRMS
on glass-epoxy P.C.B.
on aluminum substrate
VDC
IF(AV)
Maximum RMS voltage
Absolute Maximum Ratings TL=25℃ unless otherwise specified.
RθJA
CJ
TJ
TSTG
Storage temperature range
Maximum DC reverse current at
rated DC blocking voltage per leg
Typical thermal resistance per leg
0.5
(1)
-55 to +150
-55 to +150
Electrical Characteristics TL=25℃ unless otherwise specified.
IFSM
I
2t
Typical junction capacitance per leg at 4.0V 1.0Mhz
Operating junction temperature range
RθJL
RθJA
85
(1)
3.7
1.00
5
100
70
(2)
20
(1)
13
_ +
~ ~
0.6±0.10
2.54±0.20
4.75±0.20
0.66±0.2
1.42±0.2
Min.0.58
2.54
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Reverse Voltage 200to1000 Volts ForwardCurrent 0.8 Amperes


Similar Part No. - MB6F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB6F PACELEADER-MB6F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB6F PFS-MB6F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB6F LUGUANG-MB6F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB6F FORMOSA-MB6F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB6F JUXING-MB6F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
More results

Similar Description - MB6F

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com