Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

573824 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 573824
Description  Pneumatic valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

573824 Datasheet(HTML) 1 Page - Festo Corporation.

  573824 Datasheet HTML 1Page - Festo Corporation. 573824 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pneumatic valve
VUWG-L10-M52-R-M7
Part number: 573824
Data sheet
Feature
Value
Valve function
5/2, monostable
Lap
Overlap
Actuation type
Pneumatic
Valve size
10 mm
Standard nominal flow rate
380 l/min
Pneumatic working port
M7
Operating pressure
2.5 bar ... 10 bar
Design
Piston gate valve
Reset method
Mechanical spring
Pneumatic spring
Width dimension
10.5 mm
Type code
VUWG
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
None
Type of control
Direct
Flow direction
Reversible with restrictions
Symbol
00992907
Pilot pressure
2.5 bar ... 10 bar
Suitability for vacuum
no
Switching time off
12 ms
On switching time
6 ms
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Temperature of medium
-5 °C ... 50 °C
Pilot medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Ambient temperature
-5 °C ... 60 °C
Product weight
45 g
Type of mounting
Optionally:
On PR rail
With through-hole
Pilot air port 12
M5
Pilot air port 14
M5
Pneumatic connection 1
M7
3/29/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 573824

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
573821 FESTO-573821 Datasheet
92Kb / 2P
Pneumatic valve
573822 FESTO-573822 Datasheet
94Kb / 2P
Pneumatic valve
573823 FESTO-573823 Datasheet
93Kb / 2P
Pneumatic valve
573825 FESTO-573825 Datasheet
90Kb / 2P
Pneumatic valve
573826 FESTO-573826 Datasheet
92Kb / 2P
Pneumatic valve
More results

Similar Description - 573824

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUWG-L10-B52-M5 FESTO-VUWG-L10-B52-M5 Datasheet
90Kb / 2P
Pneumatic valve
VUWG-L10-M52-R-M5 FESTO-VUWG-L10-M52-R-M5 Datasheet
87Kb / 2P
Pneumatic valve
VUWG-L10A-B52-M3 FESTO-VUWG-L10A-B52-M3 Datasheet
88Kb / 2P
Pneumatic valve
VUWG-L10A-M52-M-M3 FESTO-VUWG-L10A-M52-M-M3 Datasheet
89Kb / 2P
Pneumatic valve
VUWG-L10A-P53E-M3 FESTO-VUWG-L10A-P53E-M3 Datasheet
89Kb / 2P
Pneumatic valve
VUWG-L10-T32C-A-M7 FESTO-VUWG-L10-T32C-A-M7 Datasheet
92Kb / 2P
Pneumatic valve
VOFC-L-B52-G14-F19A FESTO-VOFC-L-B52-G14-F19A Datasheet
97Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-FG13-F19A FESTO-VOFC-LT-M32C-MC-FG13-F19A Datasheet
98Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19 FESTO-VOFC-LT-M32C-MC-G14-F19 Datasheet
89Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19A FESTO-VOFC-LT-M32C-MC-G14-F19A Datasheet
89Kb / 2P
Pneumatic valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com