Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB22S Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MB22S
Description  Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MB22S Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MB22S Datasheet HTML 1Page - First Silicon Co., Ltd MB22S Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S
E
V
R
U
C
C
I
T
S
I
R
E
T
C
A
R
A
H
C
D
N
A
S
G
N
I
T
A
R
(T
A = 25
o
C unless otherwise noted)
2017 05 26
2/2
Revision No : 1
MB22S ~ MB210S
Fig
. 3 - Typical Instantaneour Forward
Characteristics
Instantaneous Forward Voltage
(Volts)
0
0 2
0.4
0.6
0.8
1.0
pulse width
=300 µS
1% duty cycle, T j
=25 °C
10
1.0
0.1
0.01
MB26S
MB28S~MB210S
MB22S~MB24S



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com