Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK3003 Datasheet(PDF) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # 2SK3003
Description  N-Channel MOSFET uses advanced trench technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

2SK3003 Datasheet(HTML) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  2SK3003 Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. 2SK3003 Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. 2SK3003 Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. 2SK3003 Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. 2SK3003 Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.doingter.cn
2
RƟJA
Thermal Resistance,Junction to Ambient
62.5
Electrical Characteristics:(TC=25unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Sourtce Breakdown Voltage
VGS=0V,ID=250μA
200
---
---
V
IDSS
Zero Gate Voltage Drain Current
VGS=0V, VDS=200V
---
---
1
μ
A
VDS=160V, TC=125℃
---
---
10
IGSS
Gate-Source Leakage Current
VGS=±30V, VDS=0A
---
---
±
100
nA
On Characteristics
VGS(th)
GATE-Source Threshold Voltage
VGS=VDS, ID=250μA
2
---
4
V
RDS(ON)
Drain-Source On Resistance
VGS=10V,ID=10A
---
---
1.8
Ω
Dynamic Characteristics
Ciss
Input Capacitance
VDS=25
v, VGS=0V, f=1MHz
---
800
1050
pF
Coss
Output Capacitance
---
185
250
Crss
Reverse Transfer Capacitance
---
20
30
Switching Characteristics
td(on)
Turn-On Delay Time
VDD=100V,.ID=18A
RG=25Ω. (Note3,4)
---
16
40
ns
tr
Rise Time
---
133
275
ns
td(off)
Turn-Off Delay Time
---
38
85
ns
tf
Fall Time
---
62
135
ns
Qg
Total Gate Charge
VGS=10V, VDS=160V
ID=18A. (Note3,4)
---
20
26
nC
Qgs
Gate-Source Charge
---
5.6
---
nC
Qgd
Gate-Drain Charge
---
10
---
nC
Drain-Source Diode Characteristics
/W
2SK3003



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com