Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC08DB Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 74HC08DB
Description  Quad 2-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

74HC08DB Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  74HC08DB Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08DB Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08DB Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08DB Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08DB Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08DB Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08DB Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08DB Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd 74HC08DB Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
4 Functional diagram
mna222
1A
1B
1Y
2
1
3
2A
2B
2Y
5
4
6
3A
3B
3Y
10
9
8
4A
4B
4Y
13
12
11
Figure 1. Logic symbol
mna223
3
&
&
&
&
2
1
6
5
4
8
10
9
11
13
12
Figure 2. IEC logic symbol
mna221
A
B
Y
Figure 3. IEC logic symbol
5 Pinning information
5.1 Pinning
1A
VCC
1B
4B
1Y
4A
2A
4Y
2B
3B
2Y
3A
GND
3Y
1
2
3
4
5
6
7
8
10
9
12
11
14
13
74HC08
74HCT08
aaa-004035
Figure 4. Pin configuration SO14 and (T)SSOP14
GND(1)
Transparent top view
2Y
3A
2B
3B
2A
4Y
1Y
4A
1B
4B
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
74HC08
74HCT08
aaa-004036
(1) This is not a supply pin. The substrate is attached to
this pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to GND.
Figure 5. Pin configuration DHVQFN14
74HC08; 74HCT08
Rev :
www.leiditech.com
01.06.2015
2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com