Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2E5 Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # SC2E5
Description  2-Electrode Gas Discharge Tube (GDT)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC2E5 Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  SC2E5 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC2E5 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC2E5 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC2E5 Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2-Electrode Gas Discharge Tube (GDT)
Revision January 4, 2019
1 / 4
@SOCAY Electronics Corp., Ltd. 2019
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC2E5 Series
SOCAY Electronics Corp., Ltd.
www.socay.com
SC2E5-XXXLL
SC2E5-XXXL
Gas discharge Tubes (GDT) are classical components for
protecting the installations of the telecommunications. It is
essential that IT and telecommunications systems -with their
high-grade but sensitive electronic circuits - be protected by
arresters. They are thus fitted at the input of the power supply
system together with varistors and at the connection points to
telecommunication
lines.
They
have
become
equally
indispensable for protecting base stations in mobile telephone
systems as well as extensive cable television (CATV) networks
with their repeaters and distribution systems.
These protective components are also indispensable in other
sectors, In AC power transmission systems, they are often used
with current-limiting varistors, In customer premises equipment
such as DSL modems, WLAN routers, TV sets and cable modems
In air-conditioning equipment, the integral black-box concept
offers graduated protection by combining arresters with varistors,
PTC, diodes and inductor.
Non-Radioactive
RoHS compliant
Low insertion loss
Excellent response to fast rising transients
Ultra low capacitance
5KA surge capability tested with 8/20μs pulse as defined by
IEC 61000-4-5
AGENCY
AGENCY FILE NUMBER
E341061
Communication equipment
CATV equipment
Test equipment
Data lines
Power supplies
Telecom SLIC protection
Broadband equipment
ADSL equipment, including ADSL2+
XDSL equipment
Satellite and CATV equipment
Consumer electronics
Materials
Nickel-plated with Tinplated wires
Product Marking
SOCAY XXXL
XXX -Nominal voltage
L
-5KA
Glow to Arc
Transition Current
< 0.5 Amps
Glow Voltage
~60 Volts
Storage and
Operational
Temperature
-40 to +90°C
Climatic category
(IEC 60068-1)
40/90/21
Weight
SC2E5-XXXLL
~1.0g
SC2E5-XXXL
~0.85g
Features
Schematic Symbol
Agency Approvals
Description
Product Characteristics
Applications


Similar Part No. - SC2E5

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SC2E5 SOCAY-SC2E5 Datasheet
1Mb / 4P
High Voltage 2-Electrode Gas Discharge Tube (GDT)
SC2E5-1000D SOCAY-SC2E5-1000D Datasheet
1Mb / 4P
High Voltage 2-Electrode Gas Discharge Tube (GDT)
SC2E5-1000DL SOCAY-SC2E5-1000DL Datasheet
1Mb / 4P
High Voltage 2-Electrode Gas Discharge Tube (GDT)
SC2E5-150LSMD SOCAY-SC2E5-150LSMD Datasheet
1Mb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
SC2E5-1600D SOCAY-SC2E5-1600D Datasheet
1Mb / 4P
High Voltage 2-Electrode Gas Discharge Tube (GDT)
More results

Similar Description - SC2E5

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN2E8-470HSMD SOCAY-UN2E8-470HSMD Datasheet
563Kb / 6P
2-Electrode Gas Discharge Tube (GDT)
UN2E8-600HL SOCAY-UN2E8-600HL Datasheet
563Kb / 6P
2-Electrode Gas Discharge Tube (GDT)
UN2E8-75HSMD SOCAY-UN2E8-75HSMD Datasheet
563Kb / 6P
2-Electrode Gas Discharge Tube (GDT)
UN2E8-90HSMD SOCAY-UN2E8-90HSMD Datasheet
563Kb / 6P
2-Electrode Gas Discharge Tube (GDT)
UN2E8-150HSMD SOCAY-UN2E8-150HSMD Datasheet
563Kb / 6P
2-Electrode Gas Discharge Tube (GDT)
UN2E8-250M SOCAY-UN2E8-250M Datasheet
563Kb / 6P
2-Electrode Gas Discharge Tube (GDT)
UN2E8-350H SOCAY-UN2E8-350H Datasheet
563Kb / 6P
2-Electrode Gas Discharge Tube (GDT)
UN2E8-350MSMD SOCAY-UN2E8-350MSMD Datasheet
563Kb / 6P
2-Electrode Gas Discharge Tube (GDT)
UN2E8-420HSMD SOCAY-UN2E8-420HSMD Datasheet
563Kb / 6P
2-Electrode Gas Discharge Tube (GDT)
UN2E8-420ML SOCAY-UN2E8-420ML Datasheet
563Kb / 6P
2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com