Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70L Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAS70L
Description  Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS70L Datasheet(HTML) 2 Page - ON Semiconductor

  BAS70L Datasheet HTML 1Page - ON Semiconductor BAS70L Datasheet HTML 2Page - ON Semiconductor BAS70L Datasheet HTML 3Page - ON Semiconductor BAS70L Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS70L
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Reverse Breakdown Voltage
(IR = 10 μA)
V(BR)R
70
−
V
Total Capacitance
(VR = 0 V, f = 1.0 MHz)
CT
−
2.0
pF
Reverse Leakage
(VR = 50 V)
(VR = 70 V)
IR
−
−
0.1
10
mA
Forward Voltage
(IF = 1.0 mA)
(IF = 10 mA)
(IF = 15 mA)
VF
−
−
−
410
750
1000
mV
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
TYPICAL CHARACTERISTICS
100
0
0.1
VF, FORWARD VOLTAGE (VOLTS)
0.2
0.3
0.4
0.5
10
1.0
0.1
85
°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
5.0
10
15
20
50
1.4
0
VR, REVERSE VOLTAGE (VOLTS)
1.2
0.4
0.2
0
5.0
10
15
50
Figure 1. Typical Forward Voltage
Figure 2. Reverse Current versus Reverse
Voltage
Figure 3. Typical Capacitance
-40
°C
25
°C
TA = 150°C
25
°C
1.0
-55
°C
125
°C
150
°C
100
25
20
0.6
0.8
1.0
0.6
0.7
125
°C
85
°C
30
35
40
45
25
30
35
40
45
0.8
0.9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com