Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSVBAS21HT3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSVBAS21HT3G
Description  High Voltage Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVBAS21HT3G Datasheet(HTML) 3 Page - ON Semiconductor

  NSVBAS21HT3G Datasheet HTML 1Page - ON Semiconductor NSVBAS21HT3G Datasheet HTML 2Page - ON Semiconductor NSVBAS21HT3G Datasheet HTML 3Page - ON Semiconductor NSVBAS21HT3G Datasheet HTML 4Page - ON Semiconductor NSVBAS21HT3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAS21H
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 2. Forward Voltage
Figure 3. Reverse Leakage
FORWARD CURRENT (mA)
7000
REVERSE VOLTAGE (V)
5000
3000
5
0
2
1
6000
4000
6
5
10
20
50
100 200
1
2
3
4
TA = −55°C
300
TA = 155°C
TA = 25°C
TA = −55°C
1
10
100
1000
1
200
400
600
800
1000
1200
155°C
25°C
Figure 4. Diode Capacitance
VR, REVERSE VOLTAGE (V)
6
5
4
3
2
1
0
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
8
7
Figure 5. Maximum Non−repetitive Peak
Forward Current as a Function of Pulse
Duration, Typical Values
Tp (mSec)
1
0.1
0.01
0.001
0
5
10
15
20
25
10
Based on square wave currents
TJ = 25°C prior to surge



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com