Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2035CT Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MBR2035CT
Description  Dual SchottkyBarrierRectifiers ReverseVoltage 35 to 60Volts ForwardCurrent 20.0Amperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MBR2035CT Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MBR2035CT Datasheet HTML 1Page - First Silicon Co., Ltd MBR2035CT Datasheet HTML 2Page - First Silicon Co., Ltd MBR2035CT Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2011. 9. 20
2/3
Revision No : 0
MBR20xxCT, MBRF20xxCT, MBRB20xxCT Series
Notes:
1. Clip mounting (on case), where lead does not overlap heatsink with 0.110" offset
2. Clip mounting (on case), where leads do overlap heatsink
3. Screw mounting with 4-40 screw, where washer diameter is < 4.9 mm (0.19")
4. Pulse test: 300us pulse width, 1% duty cycle
s
c
it
s
ir
e
t
c
a
r
a
h
C
l
a
c
ir
t
c
e
l
E
d
n
a
s
g
n
it
a
R
m
u
m
i
x
a
M
( T
C = 25
o
C unless otherwise noted )
r
e
t
e
m
a
r
a
l
P
o
b
m
y
T
S
C
5
3
0
2
R
B
T
M
C
5
4
0
2
R
B
T
M
C
0
5
0
2
R
B
T
M
C
0
6
0
2
R
B
M
ti
n
U
e
g
a
tl
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
it
t
e
p
e
r
m
u
m
ix
a
V
M
M
R
R
5
3
5
4
0
5
0
6
s
tl
o
V
e
g
a
tl
o
v
e
s
r
e
v
e
r
k
a
e
p
g
n
i
k
r
o
V
W
M
W
R
5
3
5
4
0
5
0
6
s
tl
o
V
e
g
a
tl
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
ix
a
V
M
C
D
5
3
5
4
0
5
0
6
s
tl
o
V
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
ix
a
M
n
e
rr
u
c
d
e
if
it
c
e
r
T
t
a
t
C
5
3
1
=
o
C
e
c
iv
e
d
l
a
t
o
T
g
e
l
r
e
P
I
)
V
A
(
F
0
2
0
1
s
p
m
A
g
e
l
r
e
p
t
n
e
rr
u
c
d
r
a
w
r
o
f
e
v
it
it
e
p
e
r
k
a
e
t
P
a
V
d
e
t
a
r(
R
.
q
s
,
t
a
)
z
H
K
.
2
,
e
v
a
w
T
C
5
3
1
=
o
C
I
M
R
F
0
s
2
p
m
A
e
v
a
w
-
e
n
i
s
fl
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
rr
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
g
e
l
r
e
p
)
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
ir
e
p
u
s
I
M
S
F
0
5
s
1
p
m
A
t
t
a
g
e
l
r
e
p
t
n
e
rr
u
c
e
g
r
u
s
e
s
r
e
v
e
r
e
v
it
it
e
p
e
r
k
a
e
P
p =
0
.
2 u
z
H
K
1
,
s
I
M
R
R
0
.
5
1
.
s
0
p
m
A
V
d
e
t
a
r(
e
g
n
a
h
c
f
o
e
t
a
r
e
g
a
tl
o
V
R
t
)
d
/
v
0
d
0
0
,
0
/
1
V us
)
4
e
t
o
N
(
g
e
l
r
e
p
e
g
a
tl
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
ix
a
M
V
F
tl
o
V
I
t
a
F
,
A
0
1
=
T
C
5
2
= o
0
-
C
8
.
0
I
t
a
F
,
A
0
1
=
T
C
5
2
1
=
o
7
C
5
.
0
0
7
.
0
I
t
a
F
,
A
0
2
=
T
C
5
2
= o
4
C
8
.
5
0
9
.
0
I
t
a
F
,
A
0
2
=
T
C
5
2
1
=
o
2
C
7
.
5
0
8
.
0
t
a
t
n
e
rr
u
c
e
s
r
e
v
e
r
m
u
m
ix
a
M
e
g
a
tl
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
)
4
e
t
o
N
(
g
e
l
r
e
p
T
C
5
2
= oC
I
R
1
.
5
0
1
.
0
mA
T
C
5
2
1
=
o
5
C
0
1
5
1
g
e
l
r
e
p
e
s
a
c
o
t
n
o
t
c
n
u
j
m
o
rf
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
R
T
θ
C
J
0
.
2
B
R
B
M
/
0
.
5
F
R
B
M
/
0
.
2
R
B
M
o
W
/
C
s
l
a
n
i
m
r
e
t
m
o
rf
)
y
l
n
o
e
p
y
t
F
R
B
M
(
e
g
a
tl
o
v
n
o
it
a
l
o
s
I
S
M
R
H
R
,
d
n
o
c
e
s
0
.
1
=
t
h
ti
w
k
n
i
s
t
a
e
h
o
<
t
%
0
3
V
L
O
S
I
)
1
e
t
o
N
(
0
0
5
4
)
2
e
t
o
N
(
0
0
5
3
)
3
e
t
o
N
(
0
0
5
1
s
tl
o
V
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
n
u
j
g
n
it
a
r
e
p
T
O
J
0
5
1
+
o
t
5
5
-
o
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
T
S
G
T
S
0
5
1
+
o
t
5
5
-
o
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com