Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3060CT Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MBR3060CT
Description  Dual Schottky Barrier Rectifiers Reverse Voltage 60 Volts Forward Current 30.0 Amperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MBR3060CT Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MBR3060CT Datasheet HTML 1Page - First Silicon Co., Ltd MBR3060CT Datasheet HTML 2Page - First Silicon Co., Ltd MBR3060CT Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
2012. 03. 05
1/3
Revision No : 0
Dual Schottky Barrier Rectifiers
Reverse Voltage 60 Volts Forward Current 30.0 Amperes
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Dual rectifier construction, positive center tap
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
Guardring for overvoltage protection
For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications
High temperature soldering guaranteed:
250°C/10 seconds, 0.25" (6.35mm) from case
Case: JEDEC TO-220AB, TO-220F , TO-263AB molded
plastic body
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 10 in-lbs maximum
Weight: 0.08 ounce, 2.24 grams
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
TO-220AB
TO-220F
TO-263AB(D2PAK)
Mounting Pad Layout TO-263AB
Dimensions in inches and (millimeters)
MBR3060CT, MBRF3060CT, MBRB3060CT


Similar Part No. - MBR3060CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3060CT MCC-MBR3060CT Datasheet
134Kb / 2P
30 Amp Rectifier 30 to 60 Volts Schottky Barrier
logo
Taiwan Semiconductor Co...
MBR3060CT TSC-MBR3060CT Datasheet
101Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3060CT TSC-MBR3060CT Datasheet
357Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR3060CT PANJIT-MBR3060CT Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBR3060CT BILIN-MBR3060CT Datasheet
309Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR3060CT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SB520 GOOD-ARK-SB520_15 Datasheet
176Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 5.0 Amperes
SB320 GOOD-ARK-SB320_15 Datasheet
170Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
SB220 GOOD-ARK-SB220_15 Datasheet
137Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
logo
First Silicon Co., Ltd
MBR10XX FS-MBR10XX Datasheet
319Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 35 to 60 Volts , Forward Current 10.0 Amperes
MBR30100CT FS-MBR30100CT Datasheet
246Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts Forward Current 30.0 Amperes
MBR30150CT FS-MBR30150CT Datasheet
291Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 150 Volts Forward Current 30.0 Amperes
MBR30200CT FS-MBR30200CT Datasheet
292Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 200 Volts Forward Current 30.0 Amperes
MBR40100CT FS-MBR40100CT Datasheet
245Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts Forward Current 40.0 Amperes
MBRD2060CT FS-MBRD2060CT Datasheet
616Kb / 3P
Schottky Barrier Rectifier Reverse Voltage 60 Volts Forward Current 20 Amperes
2021. 06. 16 Revision No : 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com