Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF3060CT Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MBRF3060CT
Description  Dual Schottky Barrier Rectifiers Reverse Voltage 60 Volts Forward Current 30.0 Amperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MBRF3060CT Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MBRF3060CT Datasheet HTML 1Page - First Silicon Co., Ltd MBRF3060CT Datasheet HTML 2Page - First Silicon Co., Ltd MBRF3060CT Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2012. 03. 05
2/3
Revision No : 0
MBR3060CT, MBRF3060CT, MBRB3060CT
s
c
it
s
ir
e
t
c
a
r
a
h
C
l
a
c
ir
t
c
e
l
E
d
n
a
s
g
n
it
a
R
m
u
m
i
x
a
M
( T
C = 25
o
C unless otherwise noted )
MAXIMUM RATINGS and ELECTRICAL CHARACTERISTICS(TC=25°C unless otherwise moted)
T
I
N
U
T
C
0
6
0
3
F
R
B
M
L
O
B
M
Y
S
S
N
O
I
T
I
D
N
O
C
T
S
E
T
R
E
T
E
M
A
R
A
P
Maximum repetitive peak reverse voltage
VRRM
60
V
Working peak reverse voltage
VRWM
60
V
Maximum DC blocking voltage
VDC
60
V
Maximum average forward rectified current at
Tc=105°C total device per diode
IF(AV)
30
15
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load per diode
IFSM
200
A
Peak repetitive reverse current per leg at tp=2.0us ,
1KHz
IRRM
1.0
A
Voltage rate of change(rated VR)
DV/dt
10000
V/us
Operating junction temperature range
TJ
―55 to +150
°C
Storage temperature range
TSTG
―55 to +150
°C
Isolation voltage (ITO-220 only) from terminal to
heatsink t = 1 sec
VAC
1500
V
Maximum instantaneous forward voltage per leg
IF=15A
IF=15A
Tc=25°C
Tc=125℃
VF
0.85
0.75
V
Maximum reverse current per leg at working peak
Reverse voltage
Tc=25°C
Tc=100°C
IR
0.5
40
mA
Thermal Characteristics Ta=25°C unless otherwise noted
ti
n
U
x
a
M
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
RθJC
Thermal Resistance,Junction to Case per Leg
4.0
°C/W
RθJA
Thermal Resistance,Junction to Ambient per legs
62.5
°C/W
Note
1. Screw mounting with 4-40 screw,where washer diameteris≤4.9mm(0.19〃)
2. Pulse test:300us pulse width,1% duty cycle



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com