Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR30150CT Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MBR30150CT
Description  Dual Schottky Barrier Rectifiers Reverse Voltage 150 Volts Forward Current 30.0 Amperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MBR30150CT Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MBR30150CT Datasheet HTML 1Page - First Silicon Co., Ltd MBR30150CT Datasheet HTML 2Page - First Silicon Co., Ltd MBR30150CT Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2015. 03. 05
2/3
Revision No : 0
MBR30150CT, MBRF30150CT, MBRB30150CT
MAXIMUM RATINGS ( Ta=25 unless otherwise noted )
ti
n
U
e
u
l
a
V
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
VRRM
Peak repetitive reverse voltage
VRWM
Working peak reverse voltage
VR
DC blocking voltage
150
V
VR(RMS)
V
105
e
g
a
tl
o
v
e
s
r
e
v
e
r
S
M
R
IO
A
0
3
t
n
e
rr
u
c
t
u
p
t
u
o
d
e
if
it
c
e
r
e
g
a
r
e
v
A
IFSM
Non-Repetitive peak forward surge current
8.3ms half sine wave
200
A
PD
W
2
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P
RΘJA
0
5
t
n
e
i
b
m
a
o
t
n
o
it
c
n
u
j
m
o
rf
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
T
℃/W
Tj
5
2
1
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
n
u
J
℃
Tstg
0
5
1
+
~
5
5
-
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
℃
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse voltage
V(BR)
IR=1mA
200
V
Reverse current
IR
VR=150V
0.1
mA
VF1
IF=15A
0.95
V
Forward voltage
VF2*
IF=30A
1.1
V
Typical total capacitance
Ctot
VR=4V,f=1MHz
800
pF
*Pulse test



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com