Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1A Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # US1A
Description  REVERSE VOLTGE 50V~1000V FORWARD CURRENT 1.0AMP ULTRA-FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

US1A Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  US1A Datasheet HTML 1Page - First Silicon Co., Ltd US1A Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US1A ~ US1M
2012. 04. 17
2/2
Revision No : 0
S
E
V
R
U
C
C
I
T
S
I
R
E
T
C
A
R
A
H
C
D
N
A
S
G
N
I
T
A
R
VR
D
RL
IF
0
IF
IR
IRR
t
trr
I
FIG.5: Diagram of circuit and Testing wave form of reverse recovery time
FIG.3: TYPICAL FORWARD CHARACTERISTICS
TJ=25℃
Pulse wid h=300us
1% Duty Cycle
0.01
0.02
0.4
0.1
0.2
0.4
1 0
2.0
4.0
10
20
VF(V)
0.6
0 8
1.0
1.2
1.4
1.6
1.8
US1J-US1M
US1F-US1G
US1A-US1D
0
0
5
1
0
5
FIG.1: FORWARD CURRENT DERATING CURVE
Single Phase Half Wave 60HZ Resistive or
Inductive Load 0 375''(9.5mm) Lead Length
100
0.2
0.4
0 6
0.8
1.0
0
FIG.4:TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
Tj=25℃
Tj=125℃
Tj=100℃
0.01
0.1
0
20
40
60
80
100
1.0
10
100
1000
Number of Cycles
FIG 2:MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
1
2
10
20
100
10
20
30
40
50



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com