Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2A Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # US2A
Description  High Efficient Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

US2A Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  US2A Datasheet HTML 1Page - First Silicon Co., Ltd US2A Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2013. 04. 09
2/2
Revision No : 0
S
E
V
R
U
C
C
I
T
S
I
R
E
T
C
A
R
A
H
C
D
N
A
S
G
N
I
T
A
R
US2A ~ US2M
VR
D
RL
IF
0
IF
IR
IRR
t
trr
I
FIG.5: Diagram of circuit and Testing wave form of reverse recovery time
50
FIG.1: FORWARD CURRENT DERATING CURVE
60Hz Resistive or Inductive Load
P.C.B. Mounted on 0 3"×0.3"(8.0mm×8.0mm)
Copper Pad Areas
TL(℃)
0
70
90
110
130
150
0 50
1.00
1.50
2 00
2 50
3 00
3 50
Number of Cycles
FIG.2: MAXIMUM NON-REPETITIVE FORWARD URGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0
0
1
0
1
1
0
10
20
30
40
50
FIG.4:TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
Tj=25℃
Tj=100℃
0
20
40
60
80
100
0.1
1.0
10
100
1000
FIG.3: TYPICAL FORWARD CHARACTERISTICS
0 001
VF(V)
0.4
TJ=25℃
Pulse w dth=300us
1% Duty Cycle
0.01
1.0
10
0.6
0 8
1.0
1.2
1.4
US2A-D
US2G-J
US2K-M
0.2
0.1
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com