Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1LIN Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PESD1LIN
Description  Ultra Low Capacitance Bi-Directional TVS Diode Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

PESD1LIN Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  PESD1LIN Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1LIN Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1LIN Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ultra Low Capacitance Bi-Directional TVS Diode Array
Features
●
Ultra low leakage: nA level
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±23kV
Contact discharge: ±23kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
●
RoHS Compliant
Dimensions SOD-323
Pin Configuration
Mechanical Characteristics
●
Package: SOD-323
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:3000pcs
●
Reel Size:7 inch
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
160
W
ESD per IEC 61000−4−2 (Air)
VESD
±
Kv
ESD per IEC 61000−4−2 (Contact)
±
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃
Applications
PESD1LIN
●
USB 2.0 power and data line
●
Set-top box and digital TV
●
Digital video interface (DVI)
●
Notebook Computers
●
SIM Ports
●
10/100 Ethernet
23
23
Rev :
www.leiditech.com
01.06.2018
1/3
AEC-Q101 qualified
●
LIN BUS
●


Similar Part No. - PESD1LIN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1LIN PHILIPS-PESD1LIN Datasheet
86Kb / 12P
LIN bus ESD protection diode in SOD323
Rev. 01-26 October 2004
PESD1LIN NXP-PESD1LIN Datasheet
93Kb / 11P
LIN bus ESD protection diode
Rev. 02-12 November 2008
PESD1LIN NXP-PESD1LIN Datasheet
205Kb / 12P
LIN-bus ESD protection diode ESD protection of one automotive LIN-bus line
Rev. 3-31 May 2011
logo
Rectron Semiconductor
PESD1LIN RECTRON-PESD1LIN Datasheet
320Kb / 9P
ESD protection diode
logo
Nexperia B.V. All right...
PESD1LIN NEXPERIA-PESD1LIN Datasheet
899Kb / 12P
LIN-bus ESD protection diode
Rev. 3 - 31 May 2011
More results

Similar Description - PESD1LIN

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC15CI LEIDITECH-LC15CI Datasheet
132Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
LC3304EP8_V1 LEIDITECH-LC3304EP8_V1 Datasheet
426Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
SLVU2.8-4 LEIDITECH-SLVU2.8-4_V01 Datasheet
406Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
SLVU2.8-4L LEIDITECH-SLVU2.8-4L Datasheet
858Kb / 4P
Ultra Low Capacitance Bi-Directional TVS Diode Array
SLVU2.8-8 LEIDITECH-SLVU2.8-8 Datasheet
290Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
LC12CIH LEIDITECH-LC12CIH Datasheet
375Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
LC36CI LEIDITECH-LC36CI Datasheet
374Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
UDD32C24L01 LEIDITECH-UDD32C24L01 Datasheet
390Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
ULC03CTN LEIDITECH-ULC03CTN Datasheet
1Mb / 4P
Ultra Low Capacitance Bi-Directional TVS Diode Array
ULC05CTN LEIDITECH-ULC05CTN Datasheet
945Kb / 4P
Ultra Low Capacitance Bi-Directional TVS Diode Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com