Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10YS-0C0-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 10YS-0C0-R
Description  High-density Signal Conditioners 10-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10YS-0C0-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  10YS-0C0-R Datasheet HTML 1Page - M-System Co.,Ltd. 10YS-0C0-R Datasheet HTML 2Page - M-System Co.,Ltd. 10YS-0C0-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: 10YS
http://www.m-system.co.jp/
10YS SPECIFICATIONS
ES-0871 Rev.7 Page 2/3
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
■ DC Voltage: 0 – 300 V DC
Minimum span: 3 mV
Offset: Max. 1.5 times span
Input Resistance
Span 3 – 10 mV : ≥ 10 kΩ
Span 10 – 100 mV : ≥ 10 kΩ
Span 0.1 – 1 V : ≥ 100 kΩ
Span ≥ 1 V : ≥ 1 MΩ
OUTPUT SPECIFICATIONS
With the input voltage code 3, 4, 5, 6 and current, the
output goes below 0 % when the input is open.
INSTALLATION
Current consumption: Approx. 25 mA with voltage output 1
Approx. 45 mA with current output 1
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 10BXx
Weight: 200 g (0.44 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute
(input to output 1 to output 2 to power)
1500 V AC @ 1 minute (input or output or power to ground)
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
130 (5.12)
3 (.12)
51 (2.01)
2–4.3 (.17) dia.
MTG HOLE
TERMINAL COVER
7–M3.5 SCREW
8 (.31)
25 (.98)
1
2
3
5
6
7
8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com