Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18AS2-G5-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 18AS2-G5-R
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18AS2-G5-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  18AS2-G5-R Datasheet HTML 1Page - M-System Co.,Ltd. 18AS2-G5-R Datasheet HTML 2Page - M-System Co.,Ltd. 18AS2-G5-R Datasheet HTML 3Page - M-System Co.,Ltd. 18AS2-G5-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: 18AS2
18AS2 SPECIFICATIONS
ES-1769 Rev.3 Page 3/4
http://www.m-system.co.jp/
EXTERNAL VIEW
High Setpoint Adj.
Low Setpoint Adj.
■ SINGLE ALARM
5
8
7
6
1
2
4
3
Hi Alarm Indicator
■ DUAL ALARM
Lo Alarm Indicator
Setpoint Adj.
5
8
7
6
1
2
4
3
Indicator
EXTERNAL DIMENSIONS unit: mm (inch)
24 (.94)
7 (.28)
78 (3.07)
32 (1.26)
8–M3.5
SCREW
7 (.28)
2–M3
SCREW
TERMINAL ASSIGNMENTS
1
2
3
4
7
8
5
6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com