Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18AS2-H5-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 18AS2-H5-R
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18AS2-H5-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  18AS2-H5-R Datasheet HTML 1Page - M-System Co.,Ltd. 18AS2-H5-R Datasheet HTML 2Page - M-System Co.,Ltd. 18AS2-H5-R Datasheet HTML 3Page - M-System Co.,Ltd. 18AS2-H5-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: 18AS2
18AS2 SPECIFICATIONS
ES-1769 Rev.3 Page 1/4
http://www.m-system.co.jp/
Rack-mounted DCS Signal Conditioners 18-RACK
DC ALARM
Functions & Features
• Providing relay contact closures at preset DC input levels
• Single or dual (Hi/Lo) trip
• Frontaccessed screwdriver setpoint adjustments
• Enclosed relays
Typical Applications
• Annunciator
• Various alarm applications
MODEL: 18AS2–[1][2]–R
ORDERING INFORMATION
• Code number: 18AS2-[1][2]-R
Specify a code from below for each of [1] and [2].
(e.g. 18AS2-62-R)
• Special input range (For code 0)
Use Ordering Information Sheet (No. ESU-1033) to specify
alarm output code 0 specifications.
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
D: 0 – 20 mA DC (Input resistance 50 Ω)
G: 0 – 1 mA DC (Input resistance 1000 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
Voltage
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
[2] ALARM OUTPUT
1: Hi (coil energized at alarm)
2: Hi (coil de-energized at alarm)
3: Lo (coil energized at alarm)
4: Lo (coil de-energized at alarm)
5: Hi/Lo; N.O., OFF in power failure
(connector output not available)
6: Hi/Lo; N.C., OFF in power failure
(connector output not available)
0: Specify
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals on the front and connector on the rear; terminal
cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
Alarm output: M3.5 screw terminals (torque 0.8 N·m) and
connector
Power input: Supplied from connector
Screw terminal: Nickel-plated steel
Isolation: Input to output to power
Relay: Enclosed
Setpoint adjustments: Multi-turn screwdriver adjustments
(front); -5 – +105 % independently
Hysteresis (deadband): Approx. 1 %
Front LEDs: Red LED turns on when the coil is energized.
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
■ DC Voltage: 0 – 300 V DC
Minimum span: 1 V
Offset: Max. 1.5 times span
Input resistance: ≥ 1 MΩ


Similar Part No. - 18AS2-H5-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
18A LITTELFUSE-18A Datasheet
80Kb / 1P
18A/18B Series Potted Gas Plasma Arresters
logo
Vishay Siliconix
18A100M VISHAY-18A100M Datasheet
76Kb / 3P
Quartz Crystals
11-Jul-17
18A11B010E VISHAY-18A11B010E Datasheet
75Kb / 3P
Model 18 (PR2) 22.2 mm Diameter, 15 Turn Dial
01-Apr-2021
18A11B10 VISHAY-18A11B10 Datasheet
158Kb / 2P
Model 18 (PR2) 22.2 mm Diameter, 15 Turn Dial
09-Nov-06
18A11B10 VISHAY-18A11B10 Datasheet
75Kb / 3P
Model 18 (PR2) 22.2 mm Diameter, 15 Turn Dial
01-Apr-2021
More results

Similar Description - 18AS2-H5-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18APT MSYSTEM-18APT Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18BX MSYSTEM-18BX Datasheet
116Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18BXCS MSYSTEM-18BXCS Datasheet
140Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18HZ MSYSTEM-18HZ Datasheet
95Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JF MSYSTEM-18JF Datasheet
104Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JM MSYSTEM-18JM Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18MK MSYSTEM-18MK Datasheet
90Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18PV MSYSTEM-18PV Datasheet
89Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18TS MSYSTEM-18TS Datasheet
100Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18YCH MSYSTEM-18YCH Datasheet
93Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com